Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX1 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # PD035VX1
Description  TFT-LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD035VX1 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button PD035VX1 Datasheet HTML 17Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 18Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 19Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 20Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 21Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 22Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 23Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 24Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
PD035VX1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:23
15. Reliability Test
No
Test Item
Test Condition
Remark
1 High Temperature Storage Test
Ta = +80℃, 240 hrs
2 Low Temperature Storage Test
Ta = -10℃, 240 hrs
3 High Temperature Operation Test
Ta = +80℃, 240 hrs
4 Low Temperature Operation Test
Ta = 0℃, 240 hrs
5
High Temperature & High Humidity
Operation Test
Ta = +70℃, 80%RH, 240 hrs
(No Condensation)
6
Thermal Cycling Test
(non-operating)
-10℃ +80℃, 200 Cycles
30min 30min
9
Electrostatic Discharge Test
(non-operating)
200pF, 0Ω
±
200V
1 time / each terminal
Ta: ambient temperature
[Judgement Criteria]
Under the display quality test conditions with normal operation state , there should be no
change which may affect practical display function.
16. Indication of Lot Number Label
Indicated contents of the label
Lot number
Module number
Contents of lot number :
1st~3rd—The OEM product
5th—Production year : 1999⇒9, 2000⇒A, 2001⇒B……..
6th—Production month : 1, 2, 3,….9, A, B, C
7th~8th—Production size : 3.5” ⇒35
9th~10th— Serial numbers : 01~99
OOO-OOOOOO
PD035VX1XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com