Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PD035VX1
Description  TFT-LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD035VX1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PD035VX1 Datasheet HTML 1Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 2Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 3Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 4Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 5Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 6Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 7Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
PD035VX1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:5
5.Input / Output Terminals
TFT-LCD Panel Driving
Pin No.
Symbol
I/O
Function
Remark
1
DIO1
I/O
Horizontal Start Pulse Signal Input or Output 1
Note5-1
2
VSS1
I
Ground
3
VDD1
I
Power Supply
4
CLK
I
Horizontal Shift Clock
5
VSS1
I
Ground
6
R/L
I
Left/Right Selection
Note 5-1
7
R0
I
Red Data (LSB)
8
R1
I
Red Data
9
R2
I
Red Data
10
R3
I
Red Data
11
R4
I
Red Data
12
R5
I
Red Data (MSB)
13
VSS1
I
Ground
14
G0
I
Green Data (LSB)
15
G1
I
Green Data
16
G2
I
Green Data
17
G3
I
Green Data
18
G4
I
Green Data
19
G5
I
Green Data (MSB)
20
VSS1
I
Ground
21
B0
I
Blue Data (LSB)
22
B1
I
Blue Data
23
B2
I
Blue Data
24
B3
I
Blue Data
25
B4
I
Blue Data
26
B5
I
Blue Data (MSB)
27
LD
I
Load output signal
Note5-2
28
REV
I
Data invert control
Note5-3
29
POL
I
Polarity selection
Note5-4
30
DIO2
I/O
Horizontal Start Pulse Signal Input or Output
Note5-1
31
VSS2
I
Ground
32
V1
I
Gamma Voltage 1
Note5-5
33
V2
I
Gamma Voltage 2
Note5-5
34
V3
I
Gamma Voltage 3
Note5-5
35
V4
I
Gamma Voltage 4
Note5-5
36
V5
I
Gamma Voltage 5
Note5-5
37
V6
I
Gamma Voltage 6
Note5-5
38
V7
I
Gamma Voltage 7
Note5-5
39
VSS2
I
Ground
40
V8
I
Gamma Voltage 8
Note5-5
41
V9
I
Gamma Voltage 9
Note5-5
42
V10
I
Gamma Voltage 10
Note5-5
43
V11
I
Gamma Voltage 11
Note5-5
44
V12
I
Gamma Voltage 12
Note5-5
45
V13
I
Gamma Voltage 13
Note5-5
46
V14
I
Gamma Voltage 14
Note5-5
47
VSS2
I
Ground
48
VDD2
I
Voltage for analog circuit
Note5-5
49
VCOM
I
Common Voltage
50
XON
I
NC
51
OE
I
Output Enable
Note5-6
52
U/D
I
Up/Down Selection
Note 5-7
53
CKV
I
Vertical Shift Clock
Note5-8
54
STVU
I/O
Vertical Shift Pulse Signal Input or Output
Note5-7
55
STVD
I/O
Vertical Shift Pulse Signal Input or Output
Note5-7
56
VGG
I
Gate On Voltage
Note5-9
57
VSS1
I
Ground
58
VCC
I
Voltage for logic circuit
59
VSS1
I
Ground
60
VEE
I
Gate Off Voltage
Note5-10
61
NC
-
No connection
62
NC
-
No connection
63
NC
-
No connection
64
NC
-
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com