Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX1 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PD035VX1
Description  TFT-LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD035VX1 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PD035VX1 Datasheet HTML 6Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 7Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 9Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 10Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 11Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 12Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 13Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
PD035VX1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:10
6.Absolute Maximum Ratings:
Vss1=Vss2=GND=0V, Ta=25℃
Parameters
Symbol
MIN.
MAX.
Unit
Remark
VDD1
-0.3
2
V
VCC
-0.3
5
V
VDD2
-0.5
12.0
V
VGG
-0.3
40.0
V
VGG-VEE
-
40.0
V
Supply Voltage
VEE
-20
0.3
V
Storage Temperature
TST
-10
80
℃
Operating Temperature
TOP
0
80
℃
7.Electrical Characteristics
7-1) Recommended Operating Conditions:
Vss1=Vss2=GND = 0V,Ta = 25℃
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
VDD1
3.0
3.3
3.6
V
Supply Voltage for Source Driver
VDD2
9
9.5
10
VGG
-
27
-
V
VEE
-
-10
-
V
Supply Voltage for Gate Driver
VCC
3.0
3.3
3.6
V
VIH
0.8VDD1
-
VDD1
V
Digital Input Voltage
VIL
0
-
0.2VDD1
V
7-3) Power Consumption
Parameter
Symbol
Condition
Typ.
Max.
Unit
Remark
Supply Current for Gate Driver (Hi level)
IGG
VGG=+27V TBD TBD
mA
Supply Current for Gate Driver (Low level)
IEE
VEE=-10V
TBD TBD
mA
Supply Current for Source Driver (Digital)
IDD1
VDD1=+3.3V TBD TBD
mA
Supply Current for Source Driver (Analog)
IDD2
VDD2=+9.5V TBD TBD
mA
Supply Current for Gate Driver (Digital)
ICC
VCC=+3.3V TBD TBD
mA
LCD Panel Power Consumption
TBD TBD
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com