Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX1 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PD035VX1
Description  TFT-LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD035VX1 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PD035VX1 Datasheet HTML 5Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 6Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 7Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 9Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 10Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 11Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 12Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
PD035VX1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:9
3) Typical Application Circuit (When VDD2 = +9.5V)
0 OHM
V1
V2
V3
V4
V5
V6
V7
V8
V9
V10
V11
V12
V13
V14
R15
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
2
1
VDD2
OPEN
0 OHM
1.2K OHM
OPEN
OPEN
10K OHM
787 1% OHM
10K OHM
OPEN
OPEN
4.7K OHM
51K OHM
OPEN
0 OHM
Note 5-6: When OE is connected to high “1”, the driver outputs are disabled (Gate output = VEE).
Under this condition, the operation of registers will not be affected.
Note 5-7: Select up or down shift
U/D
STVU
STVD
Shift
1
Hi-Z
Input
Down to Up
0
Input
Hi-Z
Up to Down
Note 5-8: Gate driver shift clock
Note 5-9: Gate on voltage, VGG=27V.
Note 5-10: Gate off voltage, VEE=-10V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com