Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PD035VX1
Description  TFT-LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD035VX1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PD035VX1 Datasheet HTML 2Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 3Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 4Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 5Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 6Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 7Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 9Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
PD035VX1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:6
Note 5-1: Select left or right shift
R/L
DIO1
DIO2
Shift
1
Input
Hi-Z
Left to right
0
Hi-Z
Input
Right to left
Note 5-2: Latch the polarity of outputs and switch the new data to outputs
At the rising edge (LD), latch the “POL” signal to control the polarity of the outputs.
Note 5-3: Control whether the Data R0~G5 are inverted or not. (PVI suggests connecting to GND)
When “REV=1”, these data will be inverted.
EX: “00”→”3F”, “07”→”38”, “15”→”2A”
Note 5-4: Polarity selector for dot-inversion control. Available at the rising edge of LD.
When POL=1: Even outputs range from V1~V7, and Odd outputs range from V8~V14;
When POL=0: Even outputs range from V8~V14, and Odd outputs range from V1~V7.
Note 5-5:
1) Relationship between input data and output voltage
The figure below shows the relationship between the input data and the output voltage with the polarity.
The range of V1~V7 is for positive polarity, and V8~V14 for negative polarity. Please refer to the following
pages to get the related resister values and voltage calculation method.
Positive polarity
Negative polarity
Gamma correction diagram
Vout
VDD2
V1
V2
V3
V4
V5
V6
V7
V8
V9
V10
V11
V12
V13
V14
Vcom
Vss2
00H
08H
10H
18H
20H
28H
30H
38H
3FH
Input Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com