Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX1 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # PD035VX1
Description  TFT-LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD035VX1 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button PD035VX1 Datasheet HTML 10Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 11Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 12Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 13Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 14Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 15Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 16Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 17Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
PD035VX1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:14
11. Interface Timing
11.1) Timing Parameters
AC Electrical Characteristics (VCC=VDD1=3.3V, VDD2=9.5V, GND=VSS1=VSS2=0V, Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
CLK Frequency
Fclk
-
25
40
MHz
CLK Pulse Width
TCPH
25
-
-
ns
Data Set-up Time
Tsu
4
-
-
ns
Data Hold Time
Thd
2
-
-
ns
Propagation Delay of DIO2/1
Tphl
6
10
15
ns
Time That The Last Data to LD
Tld
1
-
-
TCPH
Pulse width of LD
Twld
2
-
-
TCPH
Time That LD to DIO1/2
Tlds
5
-
-
TCPH
POL Set-up Time
Tpsu
6
-
-
ns
POL Hold Time
Tphd
6
-
-
ns
OE Pulse Width
TOEV
1
-
-
µs
CKV Pulse Width
TCKV
500
-
-
ns
STV Set-up Time
TSUV
400
-
-
ns
STV Hold Time
THDV
400
-
-
ns
Horizontal Display Period
THDP
-
640
-
TCPH
Horizontal Period Timing Range
THP
-
800
-
TCPH
Horizontal Lines Per Field
TV
520
525
640
THP
Vertical Display Timing Range
TDV
-
480
-
THP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com