Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD035VX1 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # PD035VX1
Description  TFT-LCD Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD035VX1 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button PD035VX1 Datasheet HTML 15Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 16Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 17Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 18Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 19Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 20Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 21Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 22Page - List of Unclassifed Manufacturers PD035VX1 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
PD035VX1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:19
12. Power On Sequence
1.10ms≦T1<T2
2. 0ms<T3≦T4≦10ms
13. Optical Characteristics
13-1) Specification:
Ta=25℃
Parameter
Symbol
Condition
MIN. TYP. MAX. Unit
Remarks
Horizontal
θ
±
TBD ±TBD
deg
θ
12(to 12
o’clock)
TBD
TBD
-
deg
Viewing
Angle
Vertical
θ
11(to 6
o’clock)
CR>100
TBD
TBD
-
deg
Note 13-2
Contrast Ratio
CR
TBD
TBD
-
-
Note 13-4
Rise
Tr
-
15
30
ms
Response time
Fall
Tf
θ
=0°
-
25
50
ms
Note 13-3
x
0.28
0.310
0.34
-
White Chromaticity
y
0.30
0.330
0.36
-
Note 13-1
Transmission Ratio
T
TBD
TBD
%
All the optical measurement shall be executed 1 minute after backlight being turn-on. The optical
characteristics shall be measured in dark room (ambient illumination on panel surface less than 1 Lux). The
measuring configuration shows as following figure.
V
SS(0V)
V
GG
ON
OFF
OFF
V
DD1,VCC
V
EE
T1
T2
T3
T4
Logic signal
RGB-Video signal
VDD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com