Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRP3510 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button DRP3510 Datasheet HTML 22Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 23Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 24Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 25Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 26Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 27Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 28Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 29Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
DRX 3960A
ADVANCE INFORMATION
26
Micronas
Low Noise Preamplifier (with Tuner Take Over Point Setting)
TOPmin
Minimum Gain
0
dB
TOPmax
Maximum Gain
20
dB
TOPstep
Stepsize of Gain
1.33
dB
Analog Front-end
Gtol
Total Gain Tolerance
±1
dB
matched inputs
Carrier Recovery
DAFC
Frequency Tolerance
= AFC Accuracy
50
kHz
flock
Lock in range
= frequency true demodulation
range
0.8
1.0
MHz
MHz
direction: adjacent channel
direction: own channel
VIF AGC
fVAGC
Control Bandwidth
BWn
negative modulation
200
Hz
BWp
positive modulation
1
Hz
BWpinc
positive modulation
increasing signal
(white picture)
200
Hz
BWbp
positive modulation
back porch control
200
Hz
Tuner AGC, Current Output
ITAGC
Maximum Output Sink Current
TUNER_
AGC
680
800
920
µA90 % FS
Vsup_tun
Maximum Output Voltage
8
V
Video Output
Vsync
Sync Level
(minimum DAC value)
CVBS
1.2
1.4
1.6
V
Vvidmax
Maximum Level
(maximum DAC value)
3.8
2.9
2.4
2.0
4.0
3.3
2.7
2.3
4.2
3.7
3.0
2.6
V
@ VID_AMP= 0
@ VID_AMP=1
@ VID_AMP=2
@ VID_AMP=3
Vvidpp
Full Scale Voltage
2.4
1.7
1.2
0.8
2.6
1.9
1.3
0.9
2.8
2.1
1.4
1.0
Vpp
@ VID_AMP=0
@ VID_AMP=1
@ VID_AMP=2
@ VID_AMP=3
f-1dBvid
Cutoff Frequency
6
MHz
CLoad <30 pF,
RLoad_AC >1 kΩ
Routvid
Output Resistance
50
Ω
f<6 MHz
SNRvidw
Weighted Video S/N
56
58
dB
Weighted video S/N
(CCIR567, 10 kHz...5 MHz)
SNRvidu
Unweighted Video S/N
49
51
dB
Unweighted video S/N
(10 kHz...5 MHz)
α1.07
Intermodulation ratio
65
dB
blue picture, PSC1=-13dB,
no sound shelf
α1.07= PCC-P1.07 +3dB
Symbol
Parameter
Pin
Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com