Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRP3510 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button DRP3510 Datasheet HTML 8Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 9Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 10Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 11Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 12Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 13Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 14Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 15Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
DRX 3960A
ADVANCE INFORMATION
12
Micronas
4.1.2. Description of CONTROL Register
Table 4–3: CONTROL as a Write Register
Name
Subaddress
Bit[15] (MSB)
Bits[14:0]
CONTROL
00hex
1 : RESET
0 : normal
0
Table 4–4: CONTROL as a Read Register
Name
Subaddress
Bit[15] (MSB)
Bit
>@
Bit
V>@
CONTROL
00hex
Reset status after last reading of CONTROL:
0 : no reset occurred
1 : reset occurred
Internal hardware status:
0 : no error occurred
1 : internal error occurred
not of interest
Reading of CONTROL will reset the bits[15,14] of CONTROL. After Power-on,
bit[15] of CONTROL will be set; it must be
read once to be reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com