Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRP3510 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DRP3510 Datasheet HTML 3Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 4Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 5Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 6Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 7Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 8Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 9Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 10Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
ADVANCE INFORMATION
DRX 3960A
Micronas
7
1.3.1. Initialization for Analog TV
The DRX 3960A is able to operate with different refer-
ence frequencies. If 20.25 MHz is used, REF_SW has
to be connected to ground; additionally, if a lower fre-
quency is used, SYN_REF (control register) has to be
set accordingly. If a higher frequency is used,
REF_SW has to be
connected to
VDVDD and
SYN_REF has to be set accordingly. In the 20.25 MHz
case, no I2C command is needed.
The standard which should be processed has to be set
via I2C bus.
Additional controlling is only needed if the default val-
ues for the remaining write registers are not applicable.
1.3.2. Multistandard Configuration for
B/G, L, I, D/K and M/N
In multistandard applications for B/G, L, I, D/K, and M/N,
the picture carrier frequency at the tuner output should
be 38.9 MHz. The sound carrier frequencies are below
in a distance corresponding to the transmission stan-
dard. Thus, all wanted channel components are within
the passband of the SAW and forwarded to the
DRX 3960A. The demodulated and filtered video sig-
nal will be available at the CVBS output and the down-
converted sound carriers will be available at the 2nd
SIF output.
1.3.3. Multistandard Configuration for L’
In the L standard, the band 1 channels (40 MHz to
65 MHz) have a different frequency configuration.
Their sound carriers are below the according picture
carrier. This sub-standard is called L’. In that case, the
picture carrier frequency at the tuner output should be
32.9 MHz. Using conventional tuners, the sound car-
rier frequencies in L’ at the tuner output are above the
picture carrier. Thus, again all wanted channel compo-
nents are within the passband of the SAW.
1.3.4. FM Radio
In FM radio applications, the tuner has to down-con-
vert the wanted channel to 32.4 MHz. Therefore, the
lower slope of the SAW frequency response rejects
adjacent carriers on one side of that channel. The
DRX 3960A further down-converts the wanted channel
to 5.5 MHz. After additional filtering, the signal is fed to
the 2nd SIF output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com