Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRP3510 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button DRP3510 Datasheet HTML 14Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 15Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 16Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 17Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 18Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 19Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 20Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 21Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
DRX 3960A
ADVANCE INFORMATION
18
Micronas
4.4.3. Read Register on I2C Subaddress 11hex
Table 4–9: Read Register on I2C Subaddress 11hex
I2C-Sub-
address
(hex)
Function
Name
10 05
Actual gain of video AGC
bit[10:0]
Video gain
0.05 dB/LSB
0dB = C8hex
VID_GAIN
10 06
Actual gain of tuner AGC
bit[10:0]
Tuner current
0.4
µA/LSB
TAGC_I
10 0A
Actual gain of SIF AGC
bit[10:0]
SIF gain
0.05 dB/LSB
0dB = C8hex
SIF_GAIN
10 0B
AFC
bit[8:1]
Frequency deviation10 kHz/LSB
bit[0]
Lock bit:
1 : Carrier Recovery locked
0 : Carrier Recovery unlocked
CR_FREQ
10 0C
Lock Quality
bit[10:0]
< 080hex
strong signal
080hex...700hex weak signal
> 700hex
no signal
CR_LOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com