Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRP3510 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DRP3510 Datasheet HTML 7Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 8Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 9Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 10Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 11Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 12Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 13Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 14Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
ADVANCE INFORMATION
DRX 3960A
Micronas
11
4. Control Interface
4.1. I2C Bus Interface
4.1.1. Device and Subaddresses
The DRX 3960A is controlled via the I2C bus slave
interface.
The IC is selected by transmitting one of the
DRX 3960A device addresses. In order to allow up to
three ICs to be connected to a single bus, an address
select pin (ADR_SEL) has been implemented. With
ADR_SEL pulled to high, low, or left open, the
DRX 3960A responds to different device addresses. A
device address pair is defined as a write address and a
read address.
Writing is done by sending the device write address,
followed by the subaddress byte, two address bytes,
and two data bytes. Reading is done by sending the
write device address, followed by the subaddress byte
and two address bytes. Without sending a stop condi-
tion, reading of the addressed data is completed by
sending the device read address and reading two
bytes of data.
Due to the internal architecture of the DRX 3960A, the
IC cannot react immediately to an I2C request. The
typical
response
time
is
about
0.3 ms.
If
the
DRX 3960A cannot accept another complete byte of
data until it has performed some other function (for
example, servicing an internal interrupt), it will hold the
clock line low to force the transmitter into a wait state.
The maximum wait period during normal operation
mode is less than 1 ms.
Table 4–1: I2C Bus Device Addresses
ADR_SEL
Low
High
Left Open
Mode
Write
Read
Write
Read
Write
Read
Device address
82hex
83hex
86hex
87hex
8Ahex
8Bhex
Table 4–2: I2C Bus Subaddresses
Name
Binary Value
Hex Value
Mode
Function
CONTROL
0000 0000
00
Read/Write
Write
: Software reset of DRX
Read
: Hardware error status of DRX
PORT
0000 0011
03
Write
output port address
WR_DRX
0001 0000
10
Write
write address
RD_DRX
0001 0001
11
Write
read address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com