Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRP3510 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DRP3510 Datasheet HTML 1Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 2Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 3Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 4Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 5Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 6Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 7Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 8Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
DRX 3960A
ADVANCE INFORMATION
4
Micronas
Digital Receiver Front-end
Release Note: Revision bars indicate significant
changes to the previous edition.
1. Introduction
The Digital Receiver Front-end DRX 3960A performs
the entire multistandard Quasi Split Sound (QSS) TV
IF processing, AGC, video demodulation, and genera-
tion of the second sound IF (SIF) with only one SAW
filter. The IC is designed for applications in TV sets,
VCRs, PC cards, and TV tuners.
The alignment-free DRX 3960A needs no special
external components. All control functions and status
registers are accessible via I2C bus interface. There-
fore, it simplifies the design of high-quality, highly stan-
dardized IF stages.
Due to its mixed signal structure and the digital
demodulation, the IC offers unique features and is pre-
pared for digital TV.
1.1. Features
– Multistandard QSS IF processing with a single SAW
– Highly reduced amount of external components (no
tank circuit, no potentiometers, no SAW switching)
– Programmable IF frequency
(38.9 MHz, 45.75 MHz, 32.9 MHz, 36.125 MHz etc.)
– Digital IF processing for the following standards:
B/G, D/K, I, L/L’, and M/N
– Standard specific digital post filtering
– Standard specific digital video/audio splitting
– Standard specific digital picture carrier recovery:
• alignment-free
• quartz-stable and accurate
• stable frequency lock at 100% modulation and
overmodulation up to 150%
• quartz-accurate AFC information
– Programmable standard specific digital group delay
equalizing
– Automatically frequency-adjusted Nyquist slope,
therefore optimal picture and sound performance
over complete lock in frequency range
– Standard-specific digital AGC and delayed tuner
AGC with programmable tuner Take Over Point
– Fast AGC due to linear structure
– Adaptive back porch control, therefore fast positive
modulation AGC
– No sound traps needed at video output
– Second SIF output with standard dependent pre-fil-
tering and amplitude controlled output level
– Optimal sound SNR due to carrier recovery without
quadrature distortions
– FM radio capability without external components
and with standard TV tuner
– Prepared for digital TV (DVB-C, DVB-T, ATSC)
– I2C bus interface
Fig. 1–1: Block diagram of the DRX 3960A
Clock
DSP
CVBS
2nd SIF
Generation
I2C
IF In
Tuner
fref
TOP
A
D
A
D
AGC
A
D
A
D
TAGC
VAGC
AAGC
EQU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com