Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRP3510 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DRP3510 Datasheet HTML 9Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 10Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 11Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 12Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 13Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 14Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 15Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 16Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
ADVANCE INFORMATION
DRX 3960A
Micronas
13
4.1.3. Protocol Description
Write protocol
Read protocol
Write to Control or Test Registers
Write to Port Registers
Note: S =
I2C bus Start Condition from master
P =
I2C bus Stop Condition from master
ACK =
Acknowledge-Bit: LOW on I2C_DA from slave (= DRX, light gray)
or master (= controller dark gray)
NAK =
Not Acknowledge-Bit: HIGH on I2C_DA from master (dark gray) to indicate ‘End of Read’
or from DRX indicating internal error state
Wait =
I2C clock line is held low, while the DRX is processing the I2C command. This waiting time is
max. 1 ms
Fig. 4–1: I2C bus protocol (MSB first; data must be stable while clock is high)
Swrite
device
address
Wait
ACK sub-addr ACK addr-byte
high
ACK addr-byte
low
ACK data-byte-
high
ACK data-byte
low
ACK
P
Swrite
device
address
Wait
ACK sub-addr ACK addr-byte
high
ACK addr-byte
low
ACK
S
read
device
address
Wait
ACK data-byte-
high
ACK data-byte
low
NAK
P
Swrite
device
address
Wait
ACK sub-addr ACK data-byte
high
ACK data-byte
low
ACK
P
Swrite
device
address
Wait
ACK sub-addr ACK data-byte ACK
P
1
0
S
P
I2C_DA
I2C_CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com