Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRP3510 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button DRP3510 Datasheet HTML 13Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 14Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 15Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 16Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 17Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 18Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 19Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 20Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
ADVANCE INFORMATION
DRX 3960A
Micronas
17
10 10
Reference divider setting
The DRX 3960A is able to operate with different reference frequencies. The
reference divider has to be set to the value which divides the reference fre-
quency to 100 kHz.
To prevent malfunction after POR, the default value is set for fref = 27 MHz, if
the pin REF_SW is connected to VDVDD or set for fref = 20.25 MHz, if the pin
REF_SW is connected to GND.
bit[8:0]
External_Ref_Freq / 100 kHz
27 MHz
10Dhex
20.25 MHz
CAhex
4MHz
28hex
SYN_REF
10 12
Tuner Take Over Point (TOP) setting
Defines the gain of the internal preamplifier to set the TOP
bit[3:0]
Gain of Preamplifier
00 dB
11.33 dB
22.67 dB
...
810 dB (default)
...
14
18.67 dB
15
20 dB
TOP_SET
10 70
Equalizer coefficient 0
bit[9:1]
Coefficient
bit[0]
Update bit
0
do not update coefficients
1
update coefficients
EQU_0
10 71
Equalizer coefficient 1
bit[8:0]
Coefficient
EQU_1
10 72
Equalizer coefficient 2
bit[8:0]
Coefficient
EQU_2
10 73
Equalizer coefficient 3
bit[8:0]
Coefficient
EQU_3
Table 4–8: Write Register on I2C Subaddress 10hex
I2C-Sub-
address
(hex)
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com