Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRP3510 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DRP3510 Datasheet HTML 1Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 2Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 3Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 4Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 5Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 6Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 7Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 8Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
DRX 3960A
ADVANCE INFORMATION
2
Micronas
Contents
Page
Section
Title
4
1.
Introduction
4
1.1.
Features
5
1.2.
Quick Reference Data
6
1.3.
Analog TV Application
7
1.3.1.
Initialization for Analog TV
7
1.3.2.
Multistandard Configuration for B/G, L, I, D/K and M/N
7
1.3.3.
Multistandard Configuration for L’
7
1.3.4.
FM Radio
8
2.
Functional Description
8
2.1.
Input Amplifier with TOP Setting
8
2.2.
Carrier Recovery
8
2.3.
Channel Filtering and Audio/Video Splitting
8
2.4.
Video and Tuner AGC
8
2.5.
Group Delay Equalizing
8
2.6.
Peaking
8
2.7.
SIF AGC
8
2.8.
Output Ports
9
3.
Standard Specific Filter Curves
9
3.1.
Standard B
9
3.2.
Standard G
10
3.3.
Standard D/K, I, L/L’
10
3.4.
Standard M/N
10
3.5.
Standard FM
11
4.
Control Interface
11
4.1.
I2C Bus Interface
11
4.1.1.
Device and Subaddresses
12
4.1.2.
Description of CONTROL Register
13
4.1.3.
Protocol Description
14
4.1.4.
Proposals for General DRX 3960A I2C Telegrams
14
4.1.4.1.
Symbols
14
4.1.4.2.
Write Telegrams
14
4.1.4.3.
Read Telegrams
14
4.2.
List of Control Registers
15
4.3.
List of Status Registers
15
4.4.
Description of User Registers
15
4.4.1.
Write Register on I2C Subaddress 03hex
16
4.4.2.
Write Register on I2C Subaddress 10hex
18
4.4.3.
Read Register on I2C Subaddress 11hex
19
5.
Specifications
19
5.1.
Outline Dimensions
19
5.2.
Pin Connections and Short Descriptions
21
5.3.
Pin Descriptions
22
5.4.
Pin Configuration
23
5.5.
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com