Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9301A Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC9301A
Description  3A 150KHz PWM Buck DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9301A Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC9301A Datasheet HTML 1Page - E-CMOS Corporation EC9301A Datasheet HTML 2Page - E-CMOS Corporation EC9301A Datasheet HTML 3Page - E-CMOS Corporation EC9301A Datasheet HTML 4Page - E-CMOS Corporation EC9301A Datasheet HTML 5Page - E-CMOS Corporation EC9301A Datasheet HTML 6Page - E-CMOS Corporation EC9301A Datasheet HTML 7Page - E-CMOS Corporation EC9301A Datasheet HTML 8Page - E-CMOS Corporation EC9301A Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 16
5J22N Rev. F001
3A 150KHz PWM Buck DC/DC Converter
EC9301A
Electrical Characteristics
Specifications with boldface type are for full operationg temperature range, the other type are for TJ=25℃.
Note1: Thermal resistance with copper area of approximately 3 in
2.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Ib
Feedback bias current
Adjustable only, VFB=1.3V
10
50/100
nA
IQ
Quiescent current
VFB=12V force driver off
5
10
mA
ISTBY
Standby quiescent current
ON/OFF=5V, VIN=36V
-
80
200/250
uA
FOSC
Oscillator frequency
127
150
173
KHz
VSAT
Saturation voltage
IOUT=3A
1.2
1.4/1.5
V
ICL
Current Limit
Peak Current (VFB=0V)
4.5
5.5/6.5
A
IL
Output leakage current
Output=0V (VFB=12V)
50
uA
IL
Output leakage current
Output=-1V (VIN=36V)
2
30
mA
VIL
VIH
ON/OFF pin logic input
Threshold voltage
Low (Regulator ON)
1.3
0.6
V
High (Regulator OFF)
2.0
1.3
V
IH
ON/OFF pin input current
VLOGIC=2.5V(Regulator OFF)
5
15
uA
IL
ON/OFF pin input current
VLOGIC=0.5V(Regulator ON)
0.02
5
uA
θJC
Thermal Resistance Junction
to Case
TO220B-5L/TO220-5L
TO263-5L
2.5
3.5
℃/W
θJA
Thermal Resistance Junction
to Ambient (Note1)
TO220B-5L/TO220-5L
TO263-5L
28
23
℃ /W
Electrical Characteristics (Continued)
Specifications with boldface type are for full operationg temperature range, the other type are for TJ=25℃.
Note1: Thermal resistance with copper area of approximately 3 in
2.
ADJ
Vout: Output Voltage
11
V≤VIN≤45V, 0.2A≤ILOAD ≤3A
Vout for 9V
1.193/
1.180
1.23
1.267/
1.280
V
η: Efficiency
VIN=12V,VOUT=9V,ILOAD=3A
-
88
-
%
3.3V
Vout: Output Voltage
4.75V≤VIN≤45V, 0.2A≤ILOAD
≤3A
3.168/
3.135
3.3
3.432/
3.465
V
η: Efficiency
VIN=12V, ILOAD=3A
-
76
-
%
5V
Vout: Output Voltage
7V≤VIN ≤45V, 0.2A≤ILOAD ≤ 3A
4.800/
4.750
5.0
5.200/
5.250
V
η: Efficiency
VIN=12V, ILOAD=3A
-
83
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com