Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9301A Datasheet(PDF) 14 Page - E-CMOS Corporation

Part # EC9301A
Description  3A 150KHz PWM Buck DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9301A Datasheet(HTML) 14 Page - E-CMOS Corporation

Back Button EC9301A Datasheet HTML 8Page - E-CMOS Corporation EC9301A Datasheet HTML 9Page - E-CMOS Corporation EC9301A Datasheet HTML 10Page - E-CMOS Corporation EC9301A Datasheet HTML 11Page - E-CMOS Corporation EC9301A Datasheet HTML 12Page - E-CMOS Corporation EC9301A Datasheet HTML 13Page - E-CMOS Corporation EC9301A Datasheet HTML 14Page - E-CMOS Corporation EC9301A Datasheet HTML 15Page - E-CMOS Corporation EC9301A Datasheet HTML 16Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 14 of 16
5J22N Rev. F001
3A 150KHz PWM Buck DC/DC Converter
EC9301A
OUTLINE DRAWING FOR TO-220B-5L
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min.
Max.
Min.
Max.
A
4.40
4.70
0.175
0.185
b
0.69
0.94
0.027
0.037
D
8.38
8.90
0.330
0.350
d1
1.0
0.039
d2
6.3
0.248
E
9.91
10.41
0.390
0.410
e
1.58
1.83
0.062
0.072
F
1.22
1.32
0.048
0.052
H1
6.40
0.250
H2
20.83
22.35
0.820
0.880
H3
23.93
25.45
0942
1.002
J1
2.66
0.105
J2
3.73
5.26
0.147
0.207
J3
8.40
0.331
Q
2.55
3.05
0.100
0.120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com