Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9301A Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC9301A
Description  3A 150KHz PWM Buck DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9301A Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC9301A Datasheet HTML 1Page - E-CMOS Corporation EC9301A Datasheet HTML 2Page - E-CMOS Corporation EC9301A Datasheet HTML 3Page - E-CMOS Corporation EC9301A Datasheet HTML 4Page - E-CMOS Corporation EC9301A Datasheet HTML 5Page - E-CMOS Corporation EC9301A Datasheet HTML 6Page - E-CMOS Corporation EC9301A Datasheet HTML 7Page - E-CMOS Corporation EC9301A Datasheet HTML 8Page - E-CMOS Corporation EC9301A Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 16
5J22N Rev. F001
3A 150KHz PWM Buck DC/DC Converter
EC9301A
Ordering/ Marking Information
Package type
Part Number
Marking
Marking Information
TO220B-5L
EC9301AXXXA1R
(XXX:Output Voltage)
9301A
VVLLL
YYWWT
1.
VV is the Output Voltage
(33=3.3V;50=5.0V;AJ=Adjustable)
2.
LLL:last three number of lot no.
3.
YYWW:Date Code
4.
T:Internal tracking Code
TO263-5L
EC9301AXXXAAR
(XXX:Output Voltage)
TO220-5L
EC9301AXXXABR
(XXX:Output Voltage)
Function Block Diagram
Figure 3 Function Block Diagram of EC9301A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com