Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9301A Datasheet(PDF) 13 Page - E-CMOS Corporation

Part # EC9301A
Description  3A 150KHz PWM Buck DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9301A Datasheet(HTML) 13 Page - E-CMOS Corporation

Back Button EC9301A Datasheet HTML 8Page - E-CMOS Corporation EC9301A Datasheet HTML 9Page - E-CMOS Corporation EC9301A Datasheet HTML 10Page - E-CMOS Corporation EC9301A Datasheet HTML 11Page - E-CMOS Corporation EC9301A Datasheet HTML 12Page - E-CMOS Corporation EC9301A Datasheet HTML 13Page - E-CMOS Corporation EC9301A Datasheet HTML 14Page - E-CMOS Corporation EC9301A Datasheet HTML 15Page - E-CMOS Corporation EC9301A Datasheet HTML 16Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 13 of 16
5J22N Rev. F001
3A 150KHz PWM Buck DC/DC Converter
EC9301A
Function Description(Cont.)
noise of this circuit and improves efficiency. A ground
plane is recommended to connect input capacitor, output
capacitor, and GND pin of the EC9301A.
In the EC9301A buck regulator circuit, the two major
power dissipating components are the EC9301A and
output inductor. The total power dissipation of converter
circuit can be measured by input power minus output
power.
Ptotal _loss = V IN × IIN
– V O × IO
The power dissipation of inductor can be approximately
calculated by output current and DCR of inductor.
Pinductor _loss= IO 2 × Rinductor × 1.1
The junction to ambient temperature can be got from
power dissipation in the EC9301A and thermal impedance
from junction to ambient.
T (jun-amb) =(Ptotalloss
–Pinductorloss)× ΘJA
The maximum junction temperature of EC9301A is 145°C,
which limits the maximum load current capability. Please
see the thermal de-rating curves for the maximum load
current of the EC9301A under different ambient
temperatures.
The thermal performance of the EC9301A is trongly
affected by the PCB layout. Extra care should be taken
by users during the design process to nsure that the IC
will operate under the recommended environmental
conditions.
Several layout tips are listed below for the best electric
and thermal performance.
1. Do not use thermal relief connection to the VIN and
the GND pin. Pour a maximized copper area to the GND
pin and the VIN pin to help thermal dissipation.
2. Input capacitor should be connected to the VIN pin
and the GND pin as close as possible.
3. Make the current trace from VOUT pins to L to the
GND as short as possible.
4. Pour copper plane on all unused board area and
connect it to stable DC nodes, like VIN, GND, or VOUT.
5. Keep sensitive signal traces such as trace connecting
FB pin away from the VOUT pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com