Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9301A Datasheet(PDF) 8 Page - E-CMOS Corporation

Part # EC9301A
Description  3A 150KHz PWM Buck DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9301A Datasheet(HTML) 8 Page - E-CMOS Corporation

Back Button EC9301A Datasheet HTML 4Page - E-CMOS Corporation EC9301A Datasheet HTML 5Page - E-CMOS Corporation EC9301A Datasheet HTML 6Page - E-CMOS Corporation EC9301A Datasheet HTML 7Page - E-CMOS Corporation EC9301A Datasheet HTML 8Page - E-CMOS Corporation EC9301A Datasheet HTML 9Page - E-CMOS Corporation EC9301A Datasheet HTML 10Page - E-CMOS Corporation EC9301A Datasheet HTML 11Page - E-CMOS Corporation EC9301A Datasheet HTML 12Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 8 of 16
5J22N Rev. F001
3A 150KHz PWM Buck DC/DC Converter
EC9301A
Typical Application Circuit
Figure 11. Typical Application of EC9301A For 3.3V
Table 1. EC9301A Series Buck Regulator Design Procedure For 3.3V
Figure 12. Typical Application of EC9301A For 5V
Table 2. EC9301A Series Buck Regulator Design Procedure For 5V
Input Voltage
Inductor (L1)
Output Capacitor (Cout)
Through Hole Electrolytic
Surface Mount Tantalum
6V ~ 18V
47uh
470uf/25V
330uf/6.3V
6V ~ 45V
68uh
560uf/25V
330uf/6.3V
Input Voltage
Inductor (L1)
Output Capacitor (Cout)
Through Hole Electrolytic
Surface Mount Tantalum
8V ~ 18V
33uh
330uf/25V
220uf/10V
8V ~ 45V
47uh
470uf/25V
330uf/10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com