Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9301A Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC9301A
Description  3A 150KHz PWM Buck DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9301A Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC9301A Datasheet HTML 1Page - E-CMOS Corporation EC9301A Datasheet HTML 2Page - E-CMOS Corporation EC9301A Datasheet HTML 3Page - E-CMOS Corporation EC9301A Datasheet HTML 4Page - E-CMOS Corporation EC9301A Datasheet HTML 5Page - E-CMOS Corporation EC9301A Datasheet HTML 6Page - E-CMOS Corporation EC9301A Datasheet HTML 7Page - E-CMOS Corporation EC9301A Datasheet HTML 8Page - E-CMOS Corporation EC9301A Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 16
5J22N Rev. F001
3A 150KHz PWM Buck DC/DC Converter
EC9301A
Package Types
Figure 1. Package Types of EC9301A
General Description
The EC9301A is a series of easy to use fixed and
adjustable
step-down
(buck)
switch-mode
voltage
regulators. These devices are available in fixed output
voltage of 3.3V, 5V, and an adjustable output version.
Both versions are capable of driving a 3A load with
excellent line and load regulation.
Requiring a minimum number of external components,
these regulators are simple to use and include internal
frequency
compensation,
and
a
fixed-frequency
oscillator.
The output voltage is guaranteed to ±3% tolerance
under
specified
input
voltage
and
output
load
conditions. The oscillator frequency is guaranteed to
±15%. External shutdown is included, featuring typically
80 μA standby current. Self protection features include
a two stage frequency reducing current limit for the
output switch and an over temperature shutdown for
complete protection under fault conditions.
The EC9301A is available in TO-220B-5L ,TO220-5L
and TO-263-5L packages.
Features
3.3V,5V and adjustable output Versions
Output adjustable from 1.23V to 43V
Fixed 150KHz frequency internal oscillator
Guaranteed 3A output load current
Input voltage range up to 45V
Low power standby mode, IQ typically 80 μA
TTL shutdown capability
Excellent line and load regulation
Requires only 4 external components
High efficiency
Thermal shutdown and current limit protection
Available in TO-220B/TO220 and TO-263
packages
Applications
Simple High-efficiency step-down regulator
On-card switching regulators
Positive to negative converter
LCD monitor and LCD TV
DVD recorder and PDP TV
Battery charger
Step-down to 3.3V for microprocessors


Similar Part No. - EC9301A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9301H E-CMOS-EC9301H Datasheet
1,003Kb / 14P
3A 150KHz PWM Buck DC/DC Converter
EC9301HXXXAAR E-CMOS-EC9301HXXXAAR Datasheet
1,003Kb / 14P
3A 150KHz PWM Buck DC/DC Converter
More results

Similar Description - EC9301A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3123 FOSLINK-FSP3123 Datasheet
320Kb / 11P
150KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com