Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9301A Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC9301A
Description  3A 150KHz PWM Buck DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9301A Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC9301A Datasheet HTML 1Page - E-CMOS Corporation EC9301A Datasheet HTML 2Page - E-CMOS Corporation EC9301A Datasheet HTML 3Page - E-CMOS Corporation EC9301A Datasheet HTML 4Page - E-CMOS Corporation EC9301A Datasheet HTML 5Page - E-CMOS Corporation EC9301A Datasheet HTML 6Page - E-CMOS Corporation EC9301A Datasheet HTML 7Page - E-CMOS Corporation EC9301A Datasheet HTML 8Page - E-CMOS Corporation EC9301A Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 16
5J22N Rev. F001
3A 150KHz PWM Buck DC/DC Converter
EC9301A
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Input Voltage
VIN
-0.3 ~ 45
V
Feedback
pin voltage
VFB
-0.3 ~ VIN +0.3
V
ON/OFF Pin voltage
VEN
-0.3~ VIN +0.3
V
Output pin voltage
VSW
-0.3 ~ VIN +0.3
V
Power Dissipation
PD
Internally limited
mW
Operating Junction Temperature
TJ
150
oC
Storage Temperature
Tstg
-65~+150
oC
Lead Temperature (Soldering, 10 sec)
TLead
260
oC
ESD(HBM)
2000
V
MSL
Level 3
Thermal Resistance-Junction to Ambient
R
θJA
23
℃/W
Thermal Resistance-Junction to Case
R
θJA
3.5
℃/W
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operation is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Input Voltage
VIN
3.6
45
V
Operating Junction Temperature
TJ
-40
125
℃
Operating Ambient Temperature
TA
-40
85
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com