Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9301A Datasheet(PDF) 10 Page - E-CMOS Corporation

Part # EC9301A
Description  3A 150KHz PWM Buck DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9301A Datasheet(HTML) 10 Page - E-CMOS Corporation

Back Button EC9301A Datasheet HTML 6Page - E-CMOS Corporation EC9301A Datasheet HTML 7Page - E-CMOS Corporation EC9301A Datasheet HTML 8Page - E-CMOS Corporation EC9301A Datasheet HTML 9Page - E-CMOS Corporation EC9301A Datasheet HTML 10Page - E-CMOS Corporation EC9301A Datasheet HTML 11Page - E-CMOS Corporation EC9301A Datasheet HTML 12Page - E-CMOS Corporation EC9301A Datasheet HTML 13Page - E-CMOS Corporation EC9301A Datasheet HTML 14Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 10 of 16
5J22N Rev. F001
3A 150KHz PWM Buck DC/DC Converter
EC9301A
Function Description
Pin Functions
+VIN
This is the positive input supply for the IC switching
regulator. A suitable input bypass capacitor must be
present at this pin to minimize voltage transients and to
supply the switching currents needed by the regulator
Ground
Circuit ground.
Output
Internal switch. The voltage at this pin switches
between (+VIN
– VSAT) and approximately – 0.5V, with a
duty cycle of approximately VOUT / VIN. To minimize
coupling to sensitive circuitry, the PC board copper area
connected to this pin should be kept a minimum.
Feedback
Senses the regulated output voltage to complete the
feedback loop.
ON/OFF
Allows the switching regulator circuit to be shutdown
using logic level signals thus dropping the total input
supply current to approximately 80uA. Pulling this pin
below a threshold voltage of approximately 1.3V turns
the regulator on, and pulling this pin above 1.3V (up to a
maximum of 25V) shuts the regulator down. If this
shutdown feature is not needed, the ON /OFF pin can
be wired to the ground pin or it can be left open, in
either case the regulator will be in the ON condition
.
Thermal Considerations
The EC9301A is available in two packages, a 5-pin
TO-220B/TO-220 and a 5-pin surface mount TO-263.
The TO-220B/TO-220 package needs a heat sink under
most conditions. The size of the heatsink depends on
the input voltage, the output voltage, the load current
and the ambient temperature. The EC9301A junction
temperature rises above ambient temperature for a 3A
load and different input and output voltages.
The data
for
these
curves
was
taken
with
the
EC9301A
(TO-220B/TO-220
package) operating
as
a
buck
switching regulator in an ambient temperature of 25℃
(still
air).
These
temperature
rise
numbers
are
all
approximate and there are many factors that can affect
these
temperatures.
Higher ambient
temperatures
require more heat sinking.
The TO-263 surface mount package tab is designed to
be soldered to the copper on a printed circuit board. The
copper and the board are the heat sink for this package
and the other heat producing components, such as the
catch diode and inductor. The PC board copper area that
the package is soldered to should be at least 0.4 in
2,
and
ideally should have 2 or more square inches of 2 oz.
Additional
copper
area
improves
the
thermal
characteristics,
but
with
copper
areas
greater
than
approximately 6 in
2
, only small improvements in heat
dissipation are realized. If further thermal improvements
are needed, double sided, multilayer PC board with large
copper areas and/or airflow are recommended.
The EC9301A (TO-263 package) junction temperature rise
above ambient temperature with a 3A load for various
input and output voltages. This data was taken with the
circuit operating as a buck switching regulator with all
components mounted on a PC board to simulate the
junction temperature under actual operating conditions.
This curve can be used for a quick check for the
approximate junction temperature for various conditions,
but be aware that there are many factors that can affect
the junction temperature. When load currents higher
than 3A are used, double sided or multilayer PC boards
with large copper areas and/or airflow might be needed,
especially for high ambient temperatures and high output
voltages.
For the best thermal performance, wide copper traces
and generous amounts of printed circuit board copper
should be used in the board layout. (Once exception to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com