Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9301A Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # EC9301A
Description  3A 150KHz PWM Buck DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9301A Datasheet(HTML) 9 Page - E-CMOS Corporation

Back Button EC9301A Datasheet HTML 5Page - E-CMOS Corporation EC9301A Datasheet HTML 6Page - E-CMOS Corporation EC9301A Datasheet HTML 7Page - E-CMOS Corporation EC9301A Datasheet HTML 8Page - E-CMOS Corporation EC9301A Datasheet HTML 9Page - E-CMOS Corporation EC9301A Datasheet HTML 10Page - E-CMOS Corporation EC9301A Datasheet HTML 11Page - E-CMOS Corporation EC9301A Datasheet HTML 12Page - E-CMOS Corporation EC9301A Datasheet HTML 13Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 9 of 16
5J22N Rev. F001
3A 150KHz PWM Buck DC/DC Converter
EC9301A
Figure 13. Typical Application of EC9301A For ADJ
Note:In PCB layout. Reserved an area for CFF
Table 3. Vout VS. R1, R2, Cf Select Table
Table 4. Typical Application Buck Regulator Design Procedure
Vout
R1
R2
Cf (Operational)
3.3V
1.6K
2.7K
33nf
5V
3.6K
11K
10nf
9V
6.8K
43K
1.5nf
12V
1.5K
13K
1nf
Output
Voltage
Input
Voltage
Inductor (L1)
Output Capacitor (Cout)
Through Hole Electrolytic
3.3V
6V ~ 18V
47uh
470uf/25V
6V ~45V
68uh
560uf/25V
5V
8V ~ 18V
33uh
330uf/25V
8V ~45V
47uh
470uf/25V
9V
12V ~18V
47uh
330uf/25V
12V ~45V
47uh
470uf/25V
12V
15V ~ 18V
47uh
220uf/25V
15V ~45V
47uh
330uf/25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com