Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6232IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LT6232IGN
Description  215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6232IGN Datasheet(HTML) 1 Page - Linear Technology

  LT6232IGN Datasheet HTML 1Page - Linear Technology LT6232IGN Datasheet HTML 2Page - Linear Technology LT6232IGN Datasheet HTML 3Page - Linear Technology LT6232IGN Datasheet HTML 4Page - Linear Technology LT6232IGN Datasheet HTML 5Page - Linear Technology LT6232IGN Datasheet HTML 6Page - Linear Technology LT6232IGN Datasheet HTML 7Page - Linear Technology LT6232IGN Datasheet HTML 8Page - Linear Technology LT6232IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
sn623012 623012fas
LT6230/LT6230-10/
LT6231/LT6232
–
+
R6
499
Ω
LT6202
VS
+
VOUT
IN+
IN–
+
–
1/2 LT6231
VS
–
VS
+
–
+
1/2 LT6231
R7
499
Ω
R4
499
Ω
R2
196
Ω
R1
10
Ω
R3
196
Ω
R5
499
Ω
623012 TA01a
AV = 40
BW = 5.1MHz
VS = ±1.5V to ±5V
IS = 10mA
EN = 5.8µVRMS INPUT REFERRED,
MEASUREMENT BW = 8MHz
VS
–
s
Ultrasound Amplifiers
s
Low Noise, Low Power Signal Processing
s
Active Filters
s
Driving A/D Converters
s
Rail-to-Rail Buffer Amplifiers
s
Low Noise Voltage: 1.1nV/
√Hz
s
Low Supply Current: 3.5mA/Amp Max
s
Low Offset Voltage: 350
µV Max
s
Gain Bandwidth Product:
LT6230: 215MHz; AV ≥ 1
LT6230-10: 1450MHz; AV ≥ 10
s
Wide Supply Range: 3V to 12.6V
s
Output Swings Rail-to-Rail
s
Common Mode Rejection Ratio 115dB Typ
s
Output Current: 30mA
s
Operating Temperature Range – 40
°C to 85°C
s
LT6230 Shutdown to 10
µA Maximum
s
LT6230/LT6230-10 in SOT-23 Package
s
Dual LT6231 in 8-Pin SO and Tiny DFN Packages
s
LT6232 in 16-Pin SSOP Package
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
215MHz, Rail-to-Rail Output,
1.1nV/
√Hz, 3.5mA Op Amp Family
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LT
®6230/LT6231/LT6232 are single/dual/quad low
noise, rail-to-rail output unity gain stable op amps that
feature 1.1nV/
√Hz noise voltage and draw only 3.5mA of
supply current per amplifier. These amplifiers combine
very low noise and supply current with a 215MHz gain
bandwidth product, a 70V/
µs slew rate and are optimized
for low supply voltage signal conditioning systems. The
LT6230-10 is a single amplifier optimized for higher gain
applications resulting in higher gain bandwidth and slew
rate. The LT6230 and LT6230-10 include an enable pin
that can be used to reduce the supply current to less than
10
µA.
The amplifier family has an output that swings within
50mV of either supply rail to maximize the signal dynamic
range in low supply applications and is specified on 3.3V,
5V and
±5V supplies. The en • √ISUPPLY product of 1.9 per
amplifier is among the most noise efficient of any op amp.
The LT6230/LT6230-10 is available in the 6-lead SOT-23
package and the LT6231 dual is available in the 8-pin SO
package with standard pinouts. For compact layouts, the
dual is also available in a tiny dual fine pitch leadless
package (DFN). The LT6232 is available in the 16-pin
SSOP package.
LT6230/LT6230-10/
LT6231/LT6232
Noise Voltage and Unbalanced
Noise Current vs Frequency
Low Noise Low Power Instrumentation Amplifier
FREQUENCY (Hz)
6
5
4
3
2
1
0
10
1k
10k
100k
623012 TA01b
100
VS = ±2.5V
TA = 25°C
VCM = 0V
NOISE VOLTAGE
NOISE CURRENT
6
5
4
3
2
1
0


Similar Part No. - LT6232IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6232 LINER-LT6232 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6232 LINER-LT6232 Datasheet
213Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT6232 LINER-LT6232 Datasheet
1Mb / 18P
2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
logo
Analog Devices
LT6232 AD-LT6232 Datasheet
2Mb / 28P
1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
LT6232 AD-LT6232 Datasheet
2Mb / 30P
0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
Rev. B
More results

Similar Description - LT6232IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6233 LINER-LT6233 Datasheet
727Kb / 24P
60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family
LT6236 LINER-LT6236 Datasheet
571Kb / 24P
Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LT6230 LINER-LT6230_15 Datasheet
790Kb / 24P
215MHz, Rail-to-Rail Output
LT6230-10 LINER-LT6230-10_15 Datasheet
790Kb / 24P
215MHz, Rail-to-Rail Output
LT6231 LINER-LT6231_15 Datasheet
790Kb / 24P
215MHz, Rail-to-Rail Output
LT6232 LINER-LT6232_15 Datasheet
790Kb / 24P
215MHz, Rail-to-Rail Output
LT6236 LINER-LT6236_15 Datasheet
1Mb / 26P
Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6237 LINER-LT6237_15 Datasheet
1Mb / 26P
Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6238 LINER-LT6238_15 Datasheet
1Mb / 26P
Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6200 LINER-LT6200_15 Datasheet
540Kb / 26P
165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com