Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6232IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LT6232IGN
Description  215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6232IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6232IGN Datasheet HTML 6Page - Linear Technology LT6232IGN Datasheet HTML 7Page - Linear Technology LT6232IGN Datasheet HTML 8Page - Linear Technology LT6232IGN Datasheet HTML 9Page - Linear Technology LT6232IGN Datasheet HTML 10Page - Linear Technology LT6232IGN Datasheet HTML 11Page - Linear Technology LT6232IGN Datasheet HTML 12Page - Linear Technology LT6232IGN Datasheet HTML 13Page - Linear Technology LT6232IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT6230/LT6230-10/
LT6231/LT6232
10
sn623012 623012fas
Note 1: Absolute maximum ratings are those values beyond which the life
of the device may be impaired.
Note 2: Inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 0.7V, the input current must be limited to less than
40mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: The LT6230C/LT6230I the LT6231C/LT6231I, and LT6232C/
LT6232I are guaranteed functional over the temperature range of –40
°C
and 85
°C.
Note 5: The LT6230C/LT6231C/LT6232C are guaranteed to meet specified
performance from 0
°C to 70°C. The LT6230C/LT6231C/LT6232C are
designed, characterized and expected to meet specified performance from
–40
°C to 85°C, but are not tested or QA sampled at these temperatures.
The LT6230I/LT6231I/LT6232I are guaranteed to meet specified
performance from –40
°C to 85°C.
Note 6: Matching parameters are the difference between the two amplifiers
A and D and between B and C of the LT6232; between the two amplifiers
of the LT6231. CMRR and PSRR match are defined as follows: CMRR and
PSRR are measured in
µV/V on the matched amplifiers. The difference is
calculated between the matching sides in
µV/V. The result is converted
to dB.
Note 7: Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 8: Output voltage swings are measured between the output and
power supply rails.
Note 9: Full-power bandwidth is calculated from the slew rate:
FPBW = SR/2
πVP
Note 10: This parameter is not 100% tested.
ELECTRICAL CHARACTERISTICS
TEMPERATURE (
°C)
–50
25
623012 GO5
–25
0
50
10
9
8
7
6
5
4
3
75
100
125
VCM = 4V
VCM = 1.5V
VS = 5V, 0V
TYPICAL PERFOR A CE CHARACTERISTICS
VOS Distribution
Supply Current vs Supply Voltage
(Per Amplifier)
Offset Voltage vs Input Common
Mode Voltage
Input Bias Current vs
Common Mode Voltage
Input Bias Current vs Temperature
Output Saturation Voltage vs
Load Current (Output Low)
(LT6230/LT6231/LT6232)
INPUT OFFSET VOLTAGE (
µV)
–200
0
10
20
30
40
–100
0
100
200
623012 GO1
50
100
90
80
70
60
–150
–50
50
150
VS = 5V, 0V
VCM = V
+/2
S8
TOTAL SUPPLY VOLTAGE (V)
0
6
623012 GO2
24
8
6
5
4
3
2
1
0
10
12
14
TA = 125°C
TA = 25°C
TA = –55°C
INPUT COMMON MODE VOLTAGE (V)
0
1.5
623012 GO3
0.5
1
2
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
345
2.5
3.5
4.5
TA = –55°C
VS = 5V, 0V
TA = 25°C
TA = 125°C
COMMON MODE VOLTAGE (V)
–1
2
623012 GO4
01
3
14
12
10
8
6
4
2
–2
0
456
TA = 125°C
TA = –55°C
TA = 25°C
VS = 5V, 0V
LOAD CURRENT (mA)
0.01
0.1
0.001
0.01
10
1
100
10
623012 GO6
0.1
1
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com