Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6232IGN Datasheet(PDF) 2 Page - Linear Technology

Part # LT6232IGN
Description  215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6232IGN Datasheet(HTML) 2 Page - Linear Technology

  LT6232IGN Datasheet HTML 1Page - Linear Technology LT6232IGN Datasheet HTML 2Page - Linear Technology LT6232IGN Datasheet HTML 3Page - Linear Technology LT6232IGN Datasheet HTML 4Page - Linear Technology LT6232IGN Datasheet HTML 5Page - Linear Technology LT6232IGN Datasheet HTML 6Page - Linear Technology LT6232IGN Datasheet HTML 7Page - Linear Technology LT6232IGN Datasheet HTML 8Page - Linear Technology LT6232IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT6230/LT6230-10/
LT6231/LT6232
2
sn623012 623012fas
Total Supply Voltage (V+ to V) ............................ 12.6V
Input Current (Note 2) ........................................
±40mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) ...–40
°C to 85°C
Specified Temperature Range (Note 5) ....–40
°C to 85°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
Junction Temperature ........................................... 150
°C
Junction Temperature (DD Package) ................... 125
°C
Storage Temperature Range ..................–65
°C to 150°C
Storage Temperature Range
(DD Package) ...................................... – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TJMAX = 150°C, θJA = 200°C/W
6231
6231I
LT6231CS8
LT6231IS8
*The temperature grade is identified by a label on the shipping container.Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
S6 PART
MARKING*
LTAFJ
LTAFK
LT6230CS6
LT6230IS6
LT6230CS6-10
LT6230IS6-10
ORDER PART
NUMBER
DD PART
MARKING*
LAEU
LT6231CDD
LT6231IDD
TJMAX = 125°C, θJA = 160°C/W
UNDERSIDE METAL CONNECTED TO V
(PCB CONNECTION OPTIONAL)
TJMAX = 150°C, θJA = 250°C/W
S8 PART
MARKING
ORDER PART
NUMBER
6232
6232I
LT6232CGN
LT6232IGN
GN PART
MARKING
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 135°C/W
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V
V+
OUT B
–IN B
+IN B
+
+
6 V +
5 ENABLE
4 –IN
OUT 1
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
V 2
+IN 3
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
+
+
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V
+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V
+IN C
–IN C
OUT C
NC
+
+
A
D
BC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com