Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6232IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LT6232IGN
Description  215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6232IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6232IGN Datasheet HTML 10Page - Linear Technology LT6232IGN Datasheet HTML 11Page - Linear Technology LT6232IGN Datasheet HTML 12Page - Linear Technology LT6232IGN Datasheet HTML 13Page - Linear Technology LT6232IGN Datasheet HTML 14Page - Linear Technology LT6232IGN Datasheet HTML 15Page - Linear Technology LT6232IGN Datasheet HTML 16Page - Linear Technology LT6232IGN Datasheet HTML 17Page - Linear Technology LT6232IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT6230/LT6230-10/
LT6231/LT6232
14
sn623012 623012fas
TYPICAL PERFOR A CE CHARACTERISTICS
Large Signal Response
Small Signal Response
Distortion vs Frequency
Large Signal Response
Output Overdrive Recovery
Supply Current vs ENABLE Pin
Voltage
ENABLE Pin Current vs ENABLE
Pin Voltage
ENABLE Pin Response Time
PIN VOLTAGE (V)
–1.0
623012 G39
–2.0
0
4.5
4.0
3.5
3.0
2.5
2.0
1.0
0.5
1.5
0
1.0
2.0
VS = ±2.5V
TA = 125°C
TA = 25°C
TA = –55°C
PIN VOLTAGE (V)
623012 G40
30
25
20
15
10
5
0
TA = 125°C
VS = ±2.5V
AV = 1
TA = 25°C
TA = –55°C
–1.0
–2.0
0
1.0
2.0
FREQUENCY (Hz)
10k
–40
–50
–60
–70
–80
–90
–100
100k
1M
10M
623012 G34
VS = ±5V
AV = 2
VOUT = 2V(P–P)
RL = 100Ω, 3RD
RL = 1k, 2ND
RL = 100Ω, 2ND
RL = 1k, 3RD
(LT6230/LT6231/LT6232)
VS = ±2.5V
100
µs/DIV
VIN = 0.5V
AV = 1
RL = 1k
623345 G41
0.5V
5V
0V
0V
VS = ±2.5V
200ns/DIV
AV = 3
623345 G38
0V
0V
VS = ±5V
200ns/DIV
AV = 1
RL = 1k
623345 G37
0V
–5V
5V
VS = ±2.5V
200ns/DIV
AV = 1
RL = 1k
623345 G36
0V
VS = ±2.5V
200ns/DIV
AV = –1
RL = 1k
623345 G35
–2V
2V
0V
(LT6230) ENABLE Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com