Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6232IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LT6232IGN
Description  215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6232IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6232IGN Datasheet HTML 9Page - Linear Technology LT6232IGN Datasheet HTML 10Page - Linear Technology LT6232IGN Datasheet HTML 11Page - Linear Technology LT6232IGN Datasheet HTML 12Page - Linear Technology LT6232IGN Datasheet HTML 13Page - Linear Technology LT6232IGN Datasheet HTML 14Page - Linear Technology LT6232IGN Datasheet HTML 15Page - Linear Technology LT6232IGN Datasheet HTML 16Page - Linear Technology LT6232IGN Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
sn623012 623012fas
LT6230/LT6230-10/
LT6231/LT6232
TYPICAL PERFOR A CE CHARACTERISTICS
Power Supply Rejection Ratio vs
Frequency
Series Output Resistance and
Overshoot vs Capacitive Load
Series Output Resistance and
Overshoot vs Capacitive Load
FREQUENCY (Hz)
20
40
60
80
120
100
1k
10k
100M
100k
10M
623012 G25
0
1M
VS = 5V, 0V
TA = 25°C
VCM = VS/2
NEGATIVE SUPPLY
POSITIVE SUPPLY
OUTPUT STEP (V)
–4
0
623012 G28
–3
–2
–1
1
100
200
150
50
0
234
1mV
10mV
1mV
10mV
VS = ±5V
TA = 25°C
AV = 1
+
–
500
Ω
VOUT
VIN
Settling Time vs Output Step
(Non-Inverting)
Settling Time vs Output Step
(Inverting)
Maximum Undistorted Output
Signal vs Frequency
Distortion vs Frequency
Distortion vs Frequency
Distortion vs Frequency
OUTPUT STEP (V)
–4
0
623012 G29
–3
–2
–1
1
200
150
0
50
100
234
1mV
10mV
1mV
10mV
VS = ±5V
TA = 25°C
AV = –1
+
–
500
Ω
500
Ω
VOUT
VIN
CAPACITIVE LOAD (pF)
10
50
45
40
35
30
25
20
15
10
5
0
100
1000
623012 G26
VS = 5V, 0V
AV = 1
RS = 10Ω
RS = 20Ω
RS = 50Ω
RL = 50Ω
CAPACITIVE LOAD (pF)
10
50
45
40
35
30
25
20
15
10
5
0
100
1000
623012 G27
VS = 5V, 0V
AV = 2
RS = 10Ω
RS = 20Ω
RS = 50Ω
RL = 50Ω
FREQUENCY (Hz)
10k
10
9
8
7
6
5
4
3
2
100k
1M
10M
623012 G30
VS = ±5V
TA = 25°C
HD2, HD3 < –40dBc
AV = –1
AV = 2
FREQUENCY (Hz)
10k
–40
–50
–60
–70
–80
–90
–100
100k
1M
10M
623012 G31
VS = ±2.5V
AV = 1
VOUT = 2V(P–P)
RL = 100Ω, 3RD
RL = 1k, 3RD
RL = 100Ω, 2ND
RL = 1k, 2ND
FREQUENCY (Hz)
10k
–40
–50
–60
–70
–80
–90
–100
100k
1M
10M
623012 G32
VS = ±5V
AV = 1
VOUT = 2V(P–P)
RL = 100Ω, 3RD
RL = 1k, 3RD
RL = 1k, 2ND
RL = 100Ω, 2ND
FREQUENCY (Hz)
10k
–40
–50
–60
–70
–80
–90
–100
100k
1M
10M
623012 G33
VS = ±2.5V
AV = 2
VOUT = 2V(P–P)
RL = 100Ω, 3RD
RL = 1k, 3RD
RL = 1k, 2ND
RL = 100Ω, 2ND
(LT6230/LT6231/LT6232)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com