Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6232IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LT6232IGN
Description  215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6232IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LT6232IGN Datasheet HTML 14Page - Linear Technology LT6232IGN Datasheet HTML 15Page - Linear Technology LT6232IGN Datasheet HTML 16Page - Linear Technology LT6232IGN Datasheet HTML 17Page - Linear Technology LT6232IGN Datasheet HTML 18Page - Linear Technology LT6232IGN Datasheet HTML 19Page - Linear Technology LT6232IGN Datasheet HTML 20Page - Linear Technology LT6232IGN Datasheet HTML 21Page - Linear Technology LT6232IGN Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT6230/LT6230-10/
LT6231/LT6232
18
sn623012 623012fas
APPLICATIO S I FOR ATIO
With RS + RG||RFB = 75Ω the total noise of the amplifier is:
eN=√(1.1nV)2+(1.1nV)2 = 1.55nV/√Hz
Below this resistance value, the amplifier dominates the
noise, but in the region between 75
Ω and about 3k, the
noise is dominated by the resistor thermal noise. As the
total resistance is further increased beyond 3k, the ampli-
fier noise current multiplied by the total resistance even-
tually dominates the noise.
The product of eN • √ISUPPLY is an interesting way to gauge
low noise amplifiers. Most low noise amplifiers with low
eN have high ISUPPLY current. In applications that require
low noise voltage with the lowest possible supply current,
this product can prove to be enlightening. The LT6230/
LT6231/LT6232 have an eN • √ISUPPLY product of only 1.9
per amplifier, yet it is common to see amplifiers with
similar noise specifications to have eN • √ISUPPLY as high
as 13.5.
For a complete discussion of amplifier noise, see the
LT1028 data sheet.
Enable Pin
The LT6230 includes an ENABLE pin that shuts down the
amplifier to 10
µA maximum supply current. The ENABLE
pin must be driven high to within 0.35V of V+ to shut down
the supply current. This can be accomplished with simple
gate logic; however care must be taken if the logic and the
LT6230 operate from different supplies. If this is the case,
then open drain logic can be used with a pull-up resistor
to ensure that the amplifier remains off. See Typical
Characteristic Curves.
The output leakage current when disabled is very low;
however, current can flow into the input protection diodes
D1 and D2 if the output voltage exceeds the input voltage
by a diode drop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com