Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6232IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LT6232IGN
Description  215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6232IGN Datasheet(HTML) 3 Page - Linear Technology

  LT6232IGN Datasheet HTML 1Page - Linear Technology LT6232IGN Datasheet HTML 2Page - Linear Technology LT6232IGN Datasheet HTML 3Page - Linear Technology LT6232IGN Datasheet HTML 4Page - Linear Technology LT6232IGN Datasheet HTML 5Page - Linear Technology LT6232IGN Datasheet HTML 6Page - Linear Technology LT6232IGN Datasheet HTML 7Page - Linear Technology LT6232IGN Datasheet HTML 8Page - Linear Technology LT6232IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
sn623012 623012fas
LT6230/LT6230-10/
LT6231/LT6232
ELECTRICAL CHARACTERISTICS T
A = 25°C, VS = 5V, 0V; VS = 3.3V, 0V; VCM = VOUT = half supply,
ENABLE = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6230S6, LT6230S6-10
100
500
µV
LT6231S8, LT6232GN
50
350
µV
LT6231DD
75
450
µV
Input Offset Voltage Match
100
600
µV
(Channel-to-Channel) (Note 6)
IB
Input Bias Current
510
µA
IB Match (Channel-to-Channel) (Note 6)
0.1
0.9
µA
IOS
Input Offset Current
0.1
0.6
µA
Input Noise Voltage
0.1Hz to 10Hz
180
nVP-P
en
Input Noise Voltage Density
f = 10kHz, VS = 5V
1.1
1.7
nV/
√Hz
in
Input Noise Current Density, Balanced Source
f = 10kHz, VS = 5V, RS = 10k
1
pA/
√Hz
Unbalanced Source
f = 10kHz, VS = 5V, RS = 10k
2.4
pA/
√Hz
Input Resistance
Common Mode
6.5
M
Differential Mode
7.5
k
CIN
Input Capacitance
Common Mode
2.9
pF
Differential Mode
7.7
pF
AVOL
Large-Signal Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 10k to VS/2
105
200
V/mV
RL = 1k to VS/2
21
40
V/mV
VO = 1V to 4V,
RL = 100Ω to VS/2
5.4
9
V/mV
VS = 3.3V, VO = 0.65V to 2.65V, RL = 10k to VS/2
90
175
V/mV
RL = 1k to VS/2
16.5
32
V/mV
VCM
Input Voltage Range
Guaranteed by CMRR, VS = 5V, 0V
1.5
4
V
VS = 3.3V, 0V
1.15
2.65
V
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = 1.5V to 4V
90
115
dB
VS = 3.3V, VCM = 1.15V to 2.65V
90
115
dB
CMRR Match (Channel-to-Channel) (Note 6)
VS = 5V, VCM = 1.5V to 4V
84
120
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 10V
90
115
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = 3V to 10V
84
115
dB
Minimum Supply Voltage (Note 7)
3
V
VOL
Output Voltage Swing LOW (Note 8)
No Load
4
40
mV
ISINK = 5mA
85
190
mV
VS = 5V, ISINK = 20mA
240
460
mV
VS = 3.3V, ISINK = 15mA
185
350
mV
VOH
Output Voltage Swing HIGH (Note 8)
No Load
5
50
mV
ISOURCE = 5mA
90
200
mV
VS = 5V, ISOURCE = 20mA
325
600
mV
VS = 3.3V, ISOURCE = 15mA
250
400
mV
ISC
Short-Circuit Current
VS = 5V
±30
±45
mA
VS = 3.3V
±25
±40
mA
IS
Supply Current per Amplifier
3.15
3.5
mA
Disabled Supply Current per Amplifier
ENABLE = V+ – 0.35V
0.2
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com