Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6232IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LT6232IGN
Description  215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6232IGN Datasheet(HTML) 4 Page - Linear Technology

  LT6232IGN Datasheet HTML 1Page - Linear Technology LT6232IGN Datasheet HTML 2Page - Linear Technology LT6232IGN Datasheet HTML 3Page - Linear Technology LT6232IGN Datasheet HTML 4Page - Linear Technology LT6232IGN Datasheet HTML 5Page - Linear Technology LT6232IGN Datasheet HTML 6Page - Linear Technology LT6232IGN Datasheet HTML 7Page - Linear Technology LT6232IGN Datasheet HTML 8Page - Linear Technology LT6232IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT6230/LT6230-10/
LT6231/LT6232
4
sn623012 623012fas
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IENABLE
ENABLE Pin Current
ENABLE = 0.3V
–25
–75
µA
VL
ENABLE Pin Input Voltage LOW
0.3
V
VH
ENABLE Pin Input Voltage HIGH
V+ – 0.35V
V
Output Leakage Current
ENABLE = V+ – 0.35V, VO = 1.5V to 3.5V
0.2
10
µA
tON
Turn-On Time
ENABLE = 5V to 0V, RL = 1k, VS = 5V
300
ns
tOFF
Turn-Off Time
ENABLE = 0V to 5V, RL = 1k, VS = 5V
41
µs
GBW
Gain Bandwidth Product
Frequency = 1MHz, VS = 5V
200
MHz
LT6230-10
1300
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 1.5V to 3.5V
42
60
V/
µs
LT6230-10, VS = 5V, AV = –10, RL = 1k,
250
V/
µs
VO = 1.5V to 3.5V
FPBW
Full Power Bandwidth
VS = 5V, VOUT = 3VP-P (Note 9)
4.8
6.3
MHz
LT6230-10, HD2 = HD3 = ≤ 1%
11
MHz
tS
Settling Time (LT6230, LT6231, LT6232)
0.1%, VS = 5V, VSTEP = 2V, AV = –1, RL = 1k
55
ns
TA = 25°C, VS = 5V, 0V; VS = 3.3V, 0V; VCM = VOUT = half supply,
ENABLE = 0V, unless otherwise noted.
The q denotes the specifications which apply over 0
°C < TA < 70°C temperature range. VS = 5V, 0V; VS = 3.3V, 0V; VCM = VOUT = half
supply, ENABLE = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6230S6, LT6230S6-10
q
600
µV
LT6231S8, LT6232GN
q
450
µV
LT6231DD
q
550
µV
Input Offset Voltage Match
q
800
µV
(Channel-to-Channel) (Note 6)
VOS TC
Input Offset Voltage Drift (Note 10)
VCM = Half Supply
q
0.5
3
µV/°C
IB
Input Bias Current
q
11
µA
IB Match (Channel-to-Channel) (Note 6)
q
1
µA
IOS
Input Offset Current
q
0.7
µA
AVOL
Large-Signal Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 10k to VS/2
q
78
V/mV
RL = 1k to VS/2
q
17
V/mV
VO = 1V to 4V,
RL = 100Ω to VS/2
q
4.1
V/mV
VS = 3.3V, VO = 0.65V to 2.65V, RL = 10k to VS/2
q
66
V/mV
RL = 1k to VS/2
q
13
V/mV
VCM
Input Voltage Range
Guaranteed by CMRR, VS = 5V, 0V
q
1.5
4
V
VS = 3.3V, 0V
q
1.15
2.65
V
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = 1.5V to 4V
q
90
dB
VS = 3.3V, VCM = 1.15V to 2.65V
q
85
dB
CMRR Match (Channel-to-Channel) (Note 6) VS = 5V, VCM = 1.5V to 4V
q
84
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 10V
q
85
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = 3V to 10V
q
79
dB
Minimum Supply Voltage (Note 7)
q
3V
VOL
Output Voltage Swing LOW (Note 8)
No Load
q
50
mV
ISINK = 5mA
q
200
mV
VS = 5V, ISINK = 20mA
q
500
mV
VS = 3.3V, ISINK = 15mA
q
380
mV
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com