Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6232IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LT6232IGN
Description  215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6232IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6232IGN Datasheet HTML 12Page - Linear Technology LT6232IGN Datasheet HTML 13Page - Linear Technology LT6232IGN Datasheet HTML 14Page - Linear Technology LT6232IGN Datasheet HTML 15Page - Linear Technology LT6232IGN Datasheet HTML 16Page - Linear Technology LT6232IGN Datasheet HTML 17Page - Linear Technology LT6232IGN Datasheet HTML 18Page - Linear Technology LT6232IGN Datasheet HTML 19Page - Linear Technology LT6232IGN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT6230/LT6230-10/
LT6231/LT6232
16
sn623012 623012fas
TYPICAL PERFOR A CE CHARACTERISTICS
2nd and 3rd Harmonic Distortion vs
Frequency
Large Signal Response
Output-Overload Recovery
Small Signal Response
Input Referred High Frequency
Noise Spectrum
VS = ±5V
100ns/DIV
AV = 10
RF = 900Ω, RG = 100Ω
623345 G52
0V
VS = 5V, 0V
100ns/DIV
AV = 10
RF = 900Ω, RG = 100Ω
623345 G53
0V
0V
VS = 5V, 0V
100ns/DIV
AV = 10
RF = 900Ω, RG = 100Ω
623345 G54
2.5V
FREQUENCY (Hz)
10k
–40
–50
–60
–70
–80
–90
–100
100k
1M
10M
623012 G51
VS = ±5V
AV = 10
VOUT = 2V(P–P)
RL = 100Ω, 3RD
RL = 100Ω, 2ND
RL = 1k, 2ND
RL = 1k, 3RD
(LT6230-10)
100kHz
50MHz
5MHz/DIV
623345 G55
10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com