Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9467 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9467
Description  Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 5 Page - Analog Devices

  AD9467 Datasheet HTML 1Page - Analog Devices AD9467 Datasheet HTML 2Page - Analog Devices AD9467 Datasheet HTML 3Page - Analog Devices AD9467 Datasheet HTML 4Page - Analog Devices AD9467 Datasheet HTML 5Page - Analog Devices AD9467 Datasheet HTML 6Page - Analog Devices AD9467 Datasheet HTML 7Page - Analog Devices AD9467 Datasheet HTML 8Page - Analog Devices AD9467 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Data Sheet
AD9467
Rev. D | Page 3 of 32
SPECIFICATIONS
AVDD1 = 1.8 V, AVDD2 = 3.3 V, AVDD3 = 1.8 V, DRVDD = 1.8 V, specified maximum sampling rate, 2.5 V p-p differential input, 1.25 V
internal reference, AIN = −1.0 dBFS, DCS on, default SPI settings, unless otherwise noted.
Table 1.
AD9467BCPZ-200
AD9467BCPZ-250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
16
16
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
−150
0
+150
−150
0
+150
LSB
Gain Error
Full
−3.5
−0.2
+2.5
−3.5
−0.1
+2.5
%FSR
Differential Nonlinearity (DNL)2
Full
−0.8
±0.4
+0.7
−0.6
±0.5
+1.3
LSB
Integral Nonlinearity (INL)2
Full
−9.5
±5
+9.5
−11.8
±3.5
+9.5
LSB
TEMPERATURE DRIFT
Offset Error
Full
±0.020
±0.023
%FSR/°C
Gain Error
Full
±0.011
±0.036
%FSR/°C
ANALOG INPUTS
Differential Input Voltage Range (Internal VREF = 1 V to 1.25 V)
Full
2
2.5
2.5
2
2.5
2.5
V p-p
Common-Mode Voltage
25°C
2.3
2.15
V
Differential Input Resistance
25°C
530
530
Ω
Differential Input Capacitance
25°C
3.5
3.5
pF
Full Power Bandwidth
25°C
900
900
MHz
XVREF INPUT
Input Voltage
Full
1
1.25
1
1.25
V
Input Capacitance
Full
3
3
pF
POWER SUPPLY
AVDD1
Full
1.75
1.8
1.85
1.75
1.8
1.85
V
AVDD2
Full
3.0
3.3
3.6
3.0
3.3
3.6
V
AVDD3
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
IAVDD1
Full
485
536
580
514
567
618
mA
IAVDD2
Full
49
55
61
49
55
61
mA
IAVDD3
Full
21
24
27
27
31
35
mA
IDRVDD
Full
35
38
41
36
40
43
mA
Total Power Dissipation (Including Output Drivers)
Full
1.14
1.26
1.37
1.2
1.33
1.45
W
Power-Down Dissipation
Full
4.4
90
4.4
90
mW
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.
2
Measured with a low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com