Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9467 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9467
Description  Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9467 Datasheet HTML 7Page - Analog Devices AD9467 Datasheet HTML 8Page - Analog Devices AD9467 Datasheet HTML 9Page - Analog Devices AD9467 Datasheet HTML 10Page - Analog Devices AD9467 Datasheet HTML 11Page - Analog Devices AD9467 Datasheet HTML 12Page - Analog Devices AD9467 Datasheet HTML 13Page - Analog Devices AD9467 Datasheet HTML 14Page - Analog Devices AD9467 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Data Sheet
AD9467
Rev. D | Page 9 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AVDD1
AVDD1
AVDD1
AVDD1
CLK+
CLK–
AVDD1
AVDD1
AVDD1
AGND
AVDD1
AVDD1
AVDD1
AGND
AVDD1
AGND
17
DRGND
18
DRVDD
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
AVDD1
AVDD1
AVDD1
SPIVDD
CSB
SCLK
SDIO
DNC
AVDD1
AGND
AVDD3
AGND
AVDD3
AGND
OR+
OR–
DRGND
DRVDD
NOTES
1. DNC = DO NOT CONNECT.
2. EXPOSED THERMAL PAD MUST BE CONNECTED TO AGND.
PIN 1
INDICATOR
AD9467
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration, Top View
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
0
EPAD
Exposed Paddle. The exposed paddle must be connected to AGND.
10, 14, 16, 41, 43, 45
AGND
Analog Ground.
1, 2, 3, 4, 7, 8, 9, 11, 12, 13, 15, 46, 52, 53, 54, 55,
56, 58, 59, 60, 61, 62, 63, 70, 71, 72
AVDD1
1.8 V Analog Supply.
64, 65, 68, 69
AVDD2
3.3 V Analog Supply.
42, 44
AVDD3
1.8 V Analog Supply.
51
SPIVDD
1.8 V or 3.3 V SPI Supply
17, 38
DRGND
Digital Output Driver Ground.
18, 37
DRVDD
1.8 V Digital Output Driver Supply.
67
VIN−
Analog Input Complement.
66
VIN+
Analog Input True.
6
CLK−
Clock Input Complement.
5
CLK+
Clock Input True.
19
D1−/D0−
D1 and D0 (LSB) Digital Output Complement.
20
D1+/D0+
D1 and D0 (LSB) Digital Output True.
21
D3−/D2−
D3 and D2 Digital Output Complement.
22
D3+/D2+
D3 and D2 Digital Output True.
23
D5−/D4−
D5 and D4 Digital Output Complement.
24
D5+/D4+
D5 and D4 Digital Output True.
25
D7−/D6−
D7 and D6 Digital Output Complement.
26
D7+/D6+
D7 and D6 Digital Output True.
29
D9−/D8−
D9 and D8 Digital Output Complement.
30
D9+/D8+
D9 and D8 Digital Output True.
31
D11−/D10−
D11 and D10 Digital Output Complement.
32
D11+/D10+
D11 and D10 Digital Output True.
33
D13−/D12−
D13 and D12 Digital Output Complement.
34
D13+/D12+
D13 and D12 Digital Output True.
35
D15−/D14−
D15 (MSB) and D14 Digital Output Complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com