Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9467 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9467
Description  Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9467 Datasheet HTML 13Page - Analog Devices AD9467 Datasheet HTML 14Page - Analog Devices AD9467 Datasheet HTML 15Page - Analog Devices AD9467 Datasheet HTML 16Page - Analog Devices AD9467 Datasheet HTML 17Page - Analog Devices AD9467 Datasheet HTML 18Page - Analog Devices AD9467 Datasheet HTML 19Page - Analog Devices AD9467 Datasheet HTML 20Page - Analog Devices AD9467 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Data Sheet
AD9467
Rev. D | Page 15 of 32
0
10
20
30
40
60
70
90
50
80
100
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 94.6dBFS
IMD2 = 94.6dBFS
IMD3 = 95.9dBFS
Figure 28. Two-Tone FFT with fIN1 = 70 MHz and fIN2 = 72 MHz,
2.5 V p-p FS, AD9467-200
0
10
20
30
40
60
70
90
50
80
100
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 92.7dBFS
IMD2 = 98.2dBFS
IMD3 = 92.7dBFS
Figure 29. Two-Tone FFT with fIN1 = 170 MHz and fIN2 = 172 MHz,
2.5 V p-p FS, AD9467-200
0
20
40
60
100
80
120
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 96.7dBFS
IMD2 = 103.2dBFS
IMD3 = 96.7dBFS
Figure 30. Two-Tone FFT with fIN1 = 70 MHz and fIN2 = 72 MHz,
2.5 V p-p FS, AD9467-250
0
20
40
60
100
80
120
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 91.3dBFS
IMD2 = 96.3dBFS
IMD3 = 91.3dBFS
Figure 31. Two-Tone FFT with fIN1 = 170 MHz and fIN2 = 172 MHz,
2.5 V p-p FS, AD9467-250
0
20
40
60
80
100
120
ANALOG INPUT LEVEL (dBFS)
SNR FS
SFDR FS
SFDR dBc
SNR dBc
Figure 32. SNR/SFDR vs. Analog Input Level, fIN = 97.3 MHz, 2.5 V p-p FS,
AD9467-200
0
20
40
60
80
100
120
ANALOG INPUT LEVEL (dBFS)
SFDR FS
SFDR dBc
SNR FS
SNR dBc
Figure 33. SNR/SFDR vs. Analog Input Level, fIN = 97.3 MHz, 2.5 V p-p FS,
AD9467-250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com