Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9467 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9467
Description  Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9467 Datasheet HTML 26Page - Analog Devices AD9467 Datasheet HTML 27Page - Analog Devices AD9467 Datasheet HTML 28Page - Analog Devices AD9467 Datasheet HTML 29Page - Analog Devices AD9467 Datasheet HTML 30Page - Analog Devices AD9467 Datasheet HTML 31Page - Analog Devices AD9467 Datasheet HTML 32Page - Analog Devices AD9467 Datasheet HTML 33Page - Analog Devices AD9467 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Data Sheet
AD9467
Rev. D | Page 29 of 32
Addr.
(Hex)
Parameter Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
Default Notes/
Comments
ADC Functions
08
modes
X
X
X
X
X
X
Internal power-
down mode
00 = chip run
(default)
01 = full power-
down
0x00
Determines
various generic
modes of chip
operation.
0D
test_io
X
X
Reset PN
long
gen
1 = on
0 = off
(default)
Reset PN
short gen
1 = on
0 = off
(default)
Output test mode—see Table 10 in the
Digital Outputs and Timing section
0000 = off (default)
0001 = midscale short
0010 = +FS short
0011 = −FS short
0100 = checkerboard output
0101 = PN 23 sequence
0110 = PN 9 sequence
0111 = one-/zero-word toggle
0x00
When this
register is set,
the test data is
placed on the
output pins in
place of normal
data.
0F
adc_input
XVREF
1 = on
0 = off
(default)
X
X
X
X
Analog
disconnect
1 = on
0 = off
(default)
X
X
0x00
Analog input
functions.
10
offset
8-bit digital offset adjustment
0111 1111 = 127
0111 1110 = 126
…
0000 0010 = 2
0000 0001 = 1
0000 0000 = 0
1111 1111 = -1
1111 1110 = -2
…
1000 0001 = -126
1000 0000 = -127
0x00
Bipolar, twos
complement
digital offset
adjustment in
LSBs.
14
output_mode
X
0
X
Digital
output
disable
1 = on
0 = off
(default)
1
Output
invert
1 = on
0 = off
(default)
Data format
select
00 = offset
binary (default)
01 = twos
complement
10 = Gray code
0x08
Configures the
outputs and
the format of
the data.
15
output_adjust
X
X
X
X
Coarse
LVDS
adjust
0 =
3.0 mA
(default)
1 =
1.71 mA
Output current drive adjust
001 = 3.0 mA (default)
010 = 2.79 mA
011 = 2.57 mA
100 = 2.35 mA
101 = 2.14 mA
110 = 1.93 mA
111 = 1.71 mA
0x00
Determines
LVDS or other
output
properties.
16
output_phase
DCO
output
invert
1 = on
0 = off
(default)
X
X
X
X
X
X
X
0x00
Determines
digital clock
output phase.
18
vref
X
X
X
X
Input full-scale range adjust
0000 = 2.0 V p-p
0110 = 2.1 V p-p
0111 = 2.2 V p-p
1000 = 2.3 V p-p
1001 = 2.4 V p-p
1010 = 2.5 V p-p (default)
0x0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com