Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9467 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9467
Description  Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9467 Datasheet HTML 19Page - Analog Devices AD9467 Datasheet HTML 20Page - Analog Devices AD9467 Datasheet HTML 21Page - Analog Devices AD9467 Datasheet HTML 22Page - Analog Devices AD9467 Datasheet HTML 23Page - Analog Devices AD9467 Datasheet HTML 24Page - Analog Devices AD9467 Datasheet HTML 25Page - Analog Devices AD9467 Datasheet HTML 26Page - Analog Devices AD9467 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Data Sheet
AD9467
Rev. D | Page 21 of 32
5pF
750Ω
AD9467
0.1µF
3.3V
1:1
RATIO
AC
0.1µF
0.1µF
0.1µF
20Ω
20Ω
15Ω
220nH
220nH
40Ω
50Ω
40Ω
15Ω
ADL5562
3.3V
1.8V
16
NOTES
1. ALL CONNECTIONS AND POWER SUPPLY DECOUPLING NOT SHOWN.
Figure 54. Wideband Differential Amplifier Input Configuration Using the ADL5562
0
15
30
45
75
90
4 6
3
5
2
*
120
60
105
0
FREQUENCY (MHz)
–15
–30
–45
–60
–75
–90
–105
–120
–135
AIN = –1dBFS
SNR = 73.8dBFS
SFDR = 91.1dBFS
IF = 100MHz
fS = 250MSPS
Figure 55. Single-Tone FFT Performance Plot Using the ADL5562 Amplifier, Gain = 6 dB, and the AD9467-250
14pF
75Ω
75Ω
DIGITAL
INTERFACE
AD9467
0.1µF
0.1µF
0.1µF
1µH
0.1µF
5V
1:3
RATIO
AC
0.1µF
33Ω
33Ω
47nH
47nH
50Ω
5V
1µH
5V
AD5201
3.3V
1.8V
16
NOTES
1. ALL CONNECTIONS AND POWER SUPPLY DECOUPLING NOT SHOWN.
Figure 56. Wideband Differential VGA Input Configuration Using the ADL5201
0
15
30
45
75
90
4
6
3
5
2 *
120
60
105
0
FREQUENCY (MHz)
–15
–30
–45
–60
–75
–90
–105
–120
–135
AIN = –1dBFS
SNR = 69.2dBFS
SFDR = 88.8dBFS
IF = 100MHz
fS = 250MSPS
Figure 57. Single-Tone FFT Performance Plot Using the ADL5201 VGA, Gain = 20 dB, and the AD9467-250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com