Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9467 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9467
Description  Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9467 Datasheet HTML 10Page - Analog Devices AD9467 Datasheet HTML 11Page - Analog Devices AD9467 Datasheet HTML 12Page - Analog Devices AD9467 Datasheet HTML 13Page - Analog Devices AD9467 Datasheet HTML 14Page - Analog Devices AD9467 Datasheet HTML 15Page - Analog Devices AD9467 Datasheet HTML 16Page - Analog Devices AD9467 Datasheet HTML 17Page - Analog Devices AD9467 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
AD9467
Data Sheet
Rev. D | Page 12 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD1 = 1.8 V, AVDD2 = 3.3 V, AVDD3 = 1.8 V, DRVDD = 1.8 V, specified maximum sampling rate, 2.5 V p-p differential input, 1.25 V
internal reference, AIN = −1.0 dBFS, DCS on, default SPI settings, unless otherwise noted, buffer current optimized for best SFDR
performance.
0
10
20
30
40
60
70
90
50
80
100
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY (MHz)
AIN = –1.0dBFS
SNR = 76.5dBFS
ENOB = 12.4 BITS
SFDR = 95.4dBFS
Figure 10. Single-Tone FFT with fIN = 4.3 MHz, 2.5 V p-p FS, AD9467-200
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
40
60
70
90
50
80
100
FREQUENCY (MHz)
AIN = –1.0dBFS
SNR = 76.2dBFS
ENOB = 12.3 BITS
SFDR = 92.0dBFS
Figure 11. Single-Tone FFT with fIN = 97.3 MHz, 2.5 V p-p FS, AD9467-200
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
40
60
70
90
50
80
100
FREQUENCY (MHz)
AIN = –1.0dBFS
SNR = 75.9dBFS
ENOB = 12.3 BITS
SFDR = 95.2dBFS
Figure 12. Single-Tone FFT with fIN = 140.3 MHz, 2.5 V p-p FS, AD9467-200
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
40
60
70
90
50
80
100
FREQUENCY (MHz)
AIN = –1.0dBFS
SNR = 75.8dBFS
ENOB = 12.3 BITS
SFDR = 94.1dBFS
Figure 13. Single-Tone FFT with fIN = 170.3 MHz, 2.5 V p-p FS, AD9467-200
0
10
20
30
40
60
70
90
50
80
100
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY (MHz)
AIN = –1.0dBFS
SNR = 75.5dBFS
ENOB = 12.1 BITS
SFDR = 90.0dBFS
Figure 14. Single-Tone FFT with fIN = 210.3 MHz, 2.5 V p-p FS, AD9467-200
0
10
20
30
40
60
70
90
50
80
100
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY (MHz)
AIN = –1.0dBFS
SNR = 74.7dBFS
ENOB = 12.0 BITS
SFDR = 86.5dBFS
Figure 15. Single-Tone FFT with fIN = 290.3 MHz, 2.5 V p-p FS, AD9467-200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com