Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9467 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9467
Description  Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9467 Datasheet HTML 5Page - Analog Devices AD9467 Datasheet HTML 6Page - Analog Devices AD9467 Datasheet HTML 7Page - Analog Devices AD9467 Datasheet HTML 8Page - Analog Devices AD9467 Datasheet HTML 9Page - Analog Devices AD9467 Datasheet HTML 10Page - Analog Devices AD9467 Datasheet HTML 11Page - Analog Devices AD9467 Datasheet HTML 12Page - Analog Devices AD9467 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Data Sheet
AD9467
Rev. D | Page 7 of 32
SWITCHING SPECIFICATIONS
AVDD1 = 1.8 V, AVDD2 = 3.3 V, AVDD3 = 1.8 V, DRVDD = 1.8 V, specified maximum sampling rate, 2.5 V p-p differential input, 1.25 V
internal reference, AIN = −1.0 dBFS, DCS on, default SPI settings, unless otherwise noted.
Table 4.
AD9467BCPZ-200
AD9467BCPZ-250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK2
Clock Rate
Full
50
200
50
250
MSPS
Clock Pulse Width High (tCH)
Full
2.5
2
ns
Clock Pulse Width Low (tCL)
Full
2.5
2
ns
OUTPUT PARAMETERS2, 3
Propagation Delay (tPD)
25°C
3
3
ns
Rise Time (tR) (20% to 80%)
25°C
200
200
ps
Fall Time (tF) (20% to 80%)
25°C
200
200
ps
DCO Propagation Delay (tCPD)
25°C
3
3
ns
DCO to Data Delay (tSKEW)
Full
−200
+200
−200
+200
ps
Wake-UpTime (Power-Down)
Full
100
100
ms
Pipeline Latency
Full
16
16
Clock cycles
APERTURE
Aperture Delay (tA)
25°C
1.2
1.2
ns
Aperture Uncertainty (Jitter)
25°C
60
60
fs rms
Out-of-Range Recovery Time
25°C
1
1
Clock cycles
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.
2
Can be adjusted via the SPI interface.
3
Measurements were made using a part soldered to FR-4 material.
Timing Diagrams
N – 1
N + 1
N + 2
N + 3
N + 4
N + 5
N
tA
tCH
tCL
1/fs
tSKEW
tCPD
tPD
CLK+
CLK–
DCO+
DCO–
D15+/D14+ (MSB)
D15–/D14– (MSB)
D1+/D0+ (LSB)
D1–/D0– (LSB)
VIN±
D15
D14
N – 16
N – 16
N – 15
N – 15
N – 14
N – 13
N – 12
N – 11
N – 10
N – 10
N – 16
N – 16
N – 15
N – 15
N – 14
N – 13
N – 12
N – 11
N – 10
N – 10
D1
D0
.
.
.
Figure 2. 16-Bit Output Data Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com