Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9467 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9467
Description  Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9467 Datasheet HTML 12Page - Analog Devices AD9467 Datasheet HTML 13Page - Analog Devices AD9467 Datasheet HTML 14Page - Analog Devices AD9467 Datasheet HTML 15Page - Analog Devices AD9467 Datasheet HTML 16Page - Analog Devices AD9467 Datasheet HTML 17Page - Analog Devices AD9467 Datasheet HTML 18Page - Analog Devices AD9467 Datasheet HTML 19Page - Analog Devices AD9467 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
AD9467
Data Sheet
Rev. D | Page 14 of 32
70
75
80
85
90
95
100
105
110
71
72
73
74
75
76
77
78
100
120
140
160
180
200
220
SAMPLE RATE (MSPS)
SFDR
SNR
Figure 22. SNR/SFDR vs. fSAMPLE, fIN = 97.3 MHz, 2.5 V p-p FS, AD9467-200
210
215
220
225
230
235
240
245
250
70
75
80
85
90
95
100
105
110
71
72
73
74
75
76
77
78
SAMPLE RATE (MSPS)
SFDR
SNR
Figure 23. SNR/SFDR vs. fSAMPLE, fIN = 97.3 MHz, 2.5 V p-p FS, AD9467-250
80
85
90
95
100
105
100
120
140
160
180
200
220
SAMPLE RATE (MSPS)
fIN = 4.3MHz
fIN = 97.3MHz
fIN = 170.3MHz
fIN = 290.3MHz
Figure 24. SFDR vs. fSAMPLE, 2.5 V p-p FS, AD9467-200
80
82
84
86
88
90
92
94
96
98
100
160
170
180
190
200
210
220
230
240
250
SAMPLE RATE (MSPS)
fIN = 4.3MHz
fIN = 97.3MHz
fIN = 170.3MHz
fIN = 300.3MHz
Figure 25. SFDR vs. fSAMPLE, 2.5 V p-p FS, AD9467-250
70
75
80
85
90
95
100
105
110
71
72
73
74
75
76
77
78
0
50
100
150
200
250
300
ANALOG INPUT FREQUENCY (MHz)
SNR = 2.0V p-p FS
SNR = 2.5V p-p FS
SFDR = 2.0V p-p FS
SFDR = 2.5V p-p FS
Figure 26. SNR/SFDR vs. fIN, 2.0/2.5 V p-p FS, AD9467-200
70
75
80
85
90
95
100
105
110
71
72
73
74
75
76
77
78
0
50
100
150
200
250
300
ANALOG INPUT FREQUENCY (MHz)
SNR = 2.0V p-p FS
SNR = 2.5V p-p FS
SFDR = 2.0V p-p FS
SFDR = 2.5V p-p FS
Figure 27. SNR/SFDR vs. fIN, 2.0/2.5 V p-p FS, AD9467-250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com