Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9467 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9467
Description  Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9467 Datasheet HTML 18Page - Analog Devices AD9467 Datasheet HTML 19Page - Analog Devices AD9467 Datasheet HTML 20Page - Analog Devices AD9467 Datasheet HTML 21Page - Analog Devices AD9467 Datasheet HTML 22Page - Analog Devices AD9467 Datasheet HTML 23Page - Analog Devices AD9467 Datasheet HTML 24Page - Analog Devices AD9467 Datasheet HTML 25Page - Analog Devices AD9467 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
AD9467
Data Sheet
Rev. D | Page 20 of 32
AD9467BCPZ-200 buffer current settings:
•
DC to 150 MHz at 80% (default setting)
•
150 MHz to 250 MHz at 100%
•
250 MHz and higher at 160%
80
82
84
86
88
90
92
94
96
98
100
ANALOG INPUT FREQUENCY (MHz)
80%
100%
160%
0
50
100
150
200
250
300
Figure 50. Buffer Current Sweeps, 2.5 V p-p, AD9467-200
Note that for sample rates less than 150 MSPS and analog inputs
less than 100 MHz, it is recommended to set the buffer current
to 0%. Depending on the input network design and frequency
band of interest, the optimum buffer current settings may be
slightly different than the input network recommendations shown
in Figure 53 and Figure 54.
Differential Input Configurations
There are several ways to drive the AD9467, either actively or
passively; however, optimum performance is achieved by
driving the analog input differentially.
For applications where SNR and SFDR are key parameters,
differential transformer coupling is the recommended input
configuration (see Figure 51 and Figure 52) because the noise
performance of most amplifiers is not adequate to achieve the
true performance of the AD9467.
Regardless of the configuration, the value of the shunt capacitor, C,
is dependent on the input frequency and may need to be reduced
or removed (see Figure 51, Figure 52, and Figure 53)
Using the ADL5562 or ADL5201 differential drivers to drive the
AD9467 provides an excellent and flexible gain option to interface
to the ADC (see Figure 54 and Figure 56) for both baseband and
high IF applications. Using an amplifier also provides better
isolation from the preceding stages as well as better pass-band
flatness. Performance plots of these amplifiers can also be seen
in Figure 55 and Figure 57.
When using any dc-coupled amplifier, the user has the option to
disconnect the input common-mode voltage buffer from the analog
inputs. This allows the common-mode output pin of the amplifier
to set this voltage between the interface of the two devices. Other-
wise, use an ac coupling capacitor in series on each of the analog
input as shown in Figure 54 for IF applications that do not require
dc coupling. See the Memory Map section for more details.
AIN+
AIN–
3.5pF
530Ω
ADC
INTERNAL
INPUT Z
AD9467
4.7pF
24Ω
24Ω
0.1µF
0.1µF
0.1µF
0.1µF
33Ω
33Ω
SMA
33Ω
33Ω
ADT1-1WT
0.1µF
0.1µF
ADT1-1WT
10nH 0.1µF
INPUT
Z = 50Ω
3.3V
1.8V
16
NOTES
1. ALL CONNECTIONS AND POWER SUPPLY DECOUPLING NOT SHOWN.
Figure 51. Differential Transformer-Coupled Configuration for Baseband Applications up to 150 MHz
AIN+
AIN–
3.5pF
530Ω
ADC
INTERNAL
INPUT Z
AD9467
1.8pF
20Ω
20Ω
0.1µF
0.1µF
0.1µF
0.1µF
33Ω
33Ω
SMA
15Ω
15Ω
ADT1-1WT
0.1µF
0.1µF
ADT1-1WT
10nH 0.1µF
INPUT
Z = 50Ω
3.3V
1.8V
16
NOTES
1. ALL CONNECTIONS AND POWER SUPPLY DECOUPLING NOT SHOWN.
Figure 52. Differential Transformer-Coupled Configuration for IF Applications from 150 MHz to 300 MHz
1
2
3
4
5
6
7
8
ANAREN
BD0205F5050A00
C3
0.1μF
C2
0.1μF
C1
0.1μF
ANALOG
IN
R2
33Ω
R1
33Ω
R8
15Ω
R7
15Ω
R6
15Ω
R5
15Ω
R3
50Ω
R4
50Ω
C6
8.2pF
C5
8.2pF
AIN–
AIN+
AD9467
3.3V
1.8V
16
NOTES
1. ALL CONNECTIONS AND POWER SUPPLY DECOUPLING NOT SHOWN.
Figure 53. Wideband Balun-Coupled Configuration for IF Applications Up Greater Than 100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com