Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650 Datasheet(PDF) 7 Page - Analog Devices

Part # AD6650
Description  Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6650 Datasheet HTML 3Page - Analog Devices AD6650 Datasheet HTML 4Page - Analog Devices AD6650 Datasheet HTML 5Page - Analog Devices AD6650 Datasheet HTML 6Page - Analog Devices AD6650 Datasheet HTML 7Page - Analog Devices AD6650 Datasheet HTML 8Page - Analog Devices AD6650 Datasheet HTML 9Page - Analog Devices AD6650 Datasheet HTML 10Page - Analog Devices AD6650 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Preliminary Technical Data
AD6650
REV. PrJ 02/27/2003
7
MICROPROCESSOR PORT TIMING CHARACTERISTICS1
MICROPROCESSOR PORT, MODE INM (MODE=0)
Temp
Test
Level
Min
AD6650
Typ
Max
Units
MODE INM Write Timing:
tSC
tHC
tHWR
Control3 to
↑CLK Setup Time
Control3 to
↑CLK Hold Time
/WR(RW) to RDY(/DTACK) Hold Time
Full
Full
Full
IV
IV
IV
5.5
1.0
8.0
ns
ns
ns
tSAM
Address/Data to /WR(RW) Setup Time
Full
IV
-0.5
ns
tHAM
Address/Data to RDY(/DTACK) Hold Time
Full
IV
7.0
ns
tDRDY
/WR(RW) to RDY(/DTACK) Delay
Full
IV
4.0
ns
tACC
/WR(RW) to RDY(/DTACK) High Delay
Full
IV
4*tCLK
5*tCLK
ns
MODE INM Read Timing:
tSC
tHC
tSAM
Control3 to
↑CLK Setup Time
Control3 to
↑CLK Hold Time
Address to /RD(/DS) Setup Time
Full
Full
Full
IV
IV
IV
4.0
2.0
0.0
ns
ns
ns
tHAM
Address to Data Hold Time
Full
IV
7.0
ns
tZD
Data Tri-state Delay
Full
IV
ns
tDD
RDY(/DTACK) to Data Delay
Full
IV
ns
tDRDY
/RD(/DS) to RDY(/DTACK) Delay
Full
IV
4.0
ns
tACC
/RD(/DS) to RDY(/DTACK) High Delay
Full
IV
4*tCLK
7*tCLK
ns
MICROPROCESSOR PORT, MODE MNM (MODE=1)
Temp
Test
Level
Min
AD6650
Typ
Max
Units
MODE MNM Write Timing:
tSC
tHC
tHDS
Control3 to
↑CLK Setup Time
Control3 to
↑CLK Hold Time
/DS(/RD) to /DTACK(RDY) Hold Time
Full
Full
Full
IV
IV
IV
5.5
1.0
8.0
ns
ns
ns
tHRW
RW(/WR) to /DTACK(RDY) Hold Time
Full
IV
8.0
ns
tSAM
Address/Data To RW(/WR) Setup Time
Full
IV
-0.5
ns
tHAM
Address/Data to RW(/WR) Hold Time
Full
IV
7.0
ns
tDDTACK
/DS(/RD) to /DTACK(RDY) Delay
Full
IV
ns
tACC
RW(/WR) to /DTACK(RDY) Low Delay
Full
IV
4*tCLK
5*tCLK
ns
MODE MNM Read Timing:
tSC
tHC
tHDS
Control3 to
↑CLK Setup Time
Control3 to
↑CLK Hold Time
/DS(/RD) to /DTACK(RDY) Hold Time
Full
Full
Full
IV
IV
IV
4.0
2.0
8.0
ns
ns
ns
tSAM
Address to /DS(/RD) Setup Time
Full
IV
0.0
ns
tHAM
Address to Data Hold Time
Full
IV
7.0
ns
tZD
Data Tri-State Delay
Full
IV
ns
tDD
/DTACK(RDY) to Data Delay
Full
IV
ns
tDDTACK
/DS(/RD) to /DTACK(RDY) Delay
Full
IV
ns
tACC
/DS(/RD) to /DTACK(RDY) Low Delay
Full
IV
4*tCLK
7*tCLK
ns
MODE I2C Timing:
tDSCL
↑SCL to SDA Delay
Full
IV
61
ns
tDSDA
SDA to
↑SCL Delay
Full
IV
57
ns
tSSCL
5
↑CLK to ↑SCL Delay
Full
IV
5
ns
1All Timing Specifications valid over VDD range of 3.0V to 3.6V and VDDIO range of 3.0V to 3.6V.
2The timing parameters for SCLK, SDFS, SDO0, SDO1, and DR apply to both channels (0, 1)
3Specification pertains to control signals: RW, (/WR), /DS, (/RD), /CS
4(CLOAD=40pF on all outputs unless otherwise specified)
5There is no hold time for SDA because as this waits for a negative transition (↓) on SCL to transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com