Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650 Datasheet(PDF) 18 Page - Analog Devices

Part # AD6650
Description  Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD6650 Datasheet HTML 14Page - Analog Devices AD6650 Datasheet HTML 15Page - Analog Devices AD6650 Datasheet HTML 16Page - Analog Devices AD6650 Datasheet HTML 17Page - Analog Devices AD6650 Datasheet HTML 18Page - Analog Devices AD6650 Datasheet HTML 19Page - Analog Devices AD6650 Datasheet HTML 20Page - Analog Devices AD6650 Datasheet HTML 21Page - Analog Devices AD6650 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Preliminary Technical Data
AD6650
REV. PrJ 02/27/2003
18
The output rate of this filter is determined by the output rate
of the IIR stage and MRCF.
RCF
SAMPIIR
SAMPR
M
f
f
=
RCF Output Scale Factor and Control Register
Register 0x1C is used to configure the scale factor for RCF
filter. This 2 bit register is used to scale the output data in 6
dB increments. The possible output scales range from 0 to –
18 dB.
13
9.75
6.5
3.25
0
3.25
6.5
9.75
13
100
90
80
70
60
50
40
30
20
10
0
CIC4 Response, Mcic4 = 24
Offset from Channel Center, MHz
1.98
1.46
0.94
0.43
0
0.61
1.13
1.65
2.17
120
110
100
90
80
70
60
50
40
30
20
10
0
Gemini Digital Composite Response
CIC4 Response
IIR Filter Response
Composite Digital Response with 8x Rate
Frequency in MHz
.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com