Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650 Datasheet(PDF) 20 Page - Analog Devices

Part # AD6650
Description  Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD6650 Datasheet HTML 16Page - Analog Devices AD6650 Datasheet HTML 17Page - Analog Devices AD6650 Datasheet HTML 18Page - Analog Devices AD6650 Datasheet HTML 19Page - Analog Devices AD6650 Datasheet HTML 20Page - Analog Devices AD6650 Datasheet HTML 21Page - Analog Devices AD6650 Datasheet HTML 22Page - Analog Devices AD6650 Datasheet HTML 23Page - Analog Devices AD6650 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Preliminary Technical Data
AD6650
REV. PrJ 02/27/2003
20
Serial Port Timing Specifications
Whether the AD6650 serial channel is operated as a Serial Bus
Master or as a Serial Slave, the serial port timing is identical.
Figures xx to xx indicate the required timing for each of the
specification.
t
SCLK
t
SCLKL
t
SCLKH
SCLK
Figure xx. SCLK Timing Requirements
SCLK
CLK
t
DSCLKH
t
SCLKL
t
SCLKH
Figure xx. SCLK Switching Characteristics (Divide by 1)
t
DSDO
SCLK
SDO
I
15
I
14
I
13
.....
Figure xx. Serial Output Data Switching Characteristics
t
SSF
t
HSF
SCLK
SDFS
Figure xx. SDFS Timing Requirements (SBM=0)
SCLK
SDFS
SDO
SDFS minimum
width
is one SCLK
I MS
B
I MSB -
1
First data is available the first
rising
SCLK after SDFS goes high
t
DSO
Figure xx. Timing for Serial Output Port (SBM=1)
SCLK
SCLK is an output when SBM is high; SCLK is an input when
SBM is low in serial slave mode. All outputs are switched on
the rising edge of SCLK. The SDFS pin is sampled on the
falling edge of SCLK. This allows the AD6650 to recognize the
SDFS in time to initiate a frame on the very next SCLK rising
edge. The maximum speed of this port is 52 MHz.
SDO
SDO is the Serial Data Output. Serial output data is shifted on
the rising edge of SCLK. On the very next SCLK rising edge
after an SDFS, the MSB of the I data from the channel is shifted.
On every subsequent SCLK edge a new piece of data is shifted
out on the SDO pin until the last bit of data is shifted out. The
last bit of data shifted is the LSB of the Channels Q data. SDO is
three-stated when the serial port is outside its time-slot. This
allows the AD6650 to share the SDIN of a DSP with other
AD6650s or other devices.
SDFS
SDFS is the Serial Data Frame Sync signal. SDFS is an output
when is high in the master mode. SDFS is an input when SBM is
low in the slave mode. SDFS is sampled on the falling edge of
SCLK. When SBM is sampled low, the AD6650 serial port will
function as a serial slave. In this mode, the port is silent until the
DSP issues a frame sync. When the AD6650 detects an SDFS
on the falling edge of a DSP-generated serial clock, on the next
rising edge of the serial clock, the AD6650 enables the output
driver and shifts the MSB of the I word. Data is shifted until the
LSB of the Q word has been sent.
When SBM is sampled high, the chip functions as a serial bus
master. In this mode, the AD6650 is responsible for generating
serial control data. Four modes of that operation are set via
channel address 0x22 Bits 6–5.
Serial Word Length
Bit 4 of register 0x22 determine the length of the serial word (I
or Q). If this bit is set to ‘0,’ each word is 16 bits (16 bits for I
and 16 bits for Q). If this bit is set to ‘1,’ the serial words are 24
bits wide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com