Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650 Datasheet(PDF) 13 Page - Analog Devices

Part # AD6650
Description  Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6650 Datasheet HTML 9Page - Analog Devices AD6650 Datasheet HTML 10Page - Analog Devices AD6650 Datasheet HTML 11Page - Analog Devices AD6650 Datasheet HTML 12Page - Analog Devices AD6650 Datasheet HTML 13Page - Analog Devices AD6650 Datasheet HTML 14Page - Analog Devices AD6650 Datasheet HTML 15Page - Analog Devices AD6650 Datasheet HTML 16Page - Analog Devices AD6650 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Preliminary Technical Data
AD6650
REV. PrJ 02/27/2003
13
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
A DGND
TDI
TMS
/TRST /RESET
DNC AVDD
CLK
/CLK AGND AGND
A
B SDFS SCLK
TDO
TCLK
SYNC
DNC AVDD
AVDD
AGND AGND
/BIN
B
C
SD1
SD0
DVDD
DVDD
DVDD
DVDD AVDD AVDD
AGND AGND
BIN
C
D
D7
DR
DVDD
DGND
DGND DGND AVDD AVDD
AGND AGND AGND
D
E
D5
D6
DVDD
DGND
DGND DGND AVDD AVDD
AGND AGND
LF
E
F
D3
D4
DVDD
DGND
DGND DGND AVDD AVDD
AGND XVCOB XVCO
F
G
D1
D2
DVDD
DGND
DGND DGND AVDD AVDD
AGND AGND
CP
G
H
/DS
D0
DVDD
DGND
DGND DGND AVDD AVDD
AGND AGND AGND
H
J
RW /DTACK DVDD
DVDD
DVDD
DVDD AVDD AVDD
AGND AGND
AIN
J
K
A2
A1
/CS
MODE1 CHIP_ID1 DNC AVDD REFGND REFT AGND
/AIN
K
L DGND
A0
MODE2 MODE0 CHIP_ID0 DNC AVDD
VREF
REFB AGND AGND
L
1
2
3
4
5
6
7
8
9
10
11
Pin Function Descriptions
Name
Type
Function
# of Pins
POWER SUPPLY
DVDD
P
3.3V Digital Core/IO Supply
13
AVDD
P
3.3V Analog Supply
9
DGND
G
Digital Ground
17
AGND
G
Analog Ground
22
INPUTS
/RESET
I
Active Low Reset Pin
1
SYNC
I
Synchronizes Digital Filters and AGC loop
1
CHIP_ID[1:0]
I
Chip ID
2
SERIAL DATA PORT
SCLK
I/O
Bi-directional Serial Clock
1
SDFS
I/O
Bi-directional Serial Data Frame Sync
1
SD0
O/T
Serial Data Output
1
SD1
O/T
Serial Data Output
1
DR
O
Output Data Ready Indicator
1
1MICROPORT/SERIAL CONTROL
2D[7:0]
I/O/T
Bi-directional Microport Data
8
A[2:1]
I
Microport Address Bits 2 and 1
2
A0
I/O/T
Microport Adress bit 0
1
/CS
I
Chip Select
1
/DS(/RD)
I/O/T
Active Low Data Strobe (Active Low Read)
1
/DTACK(RDY)
I/O/T
Active Low Data Acknowledge (Microport Status Bit)
1
RW(/WR)
I/O/T
Read Write (Active Low Write)
1
MODE[2:0]
I
Selects Control Port Mode
3
JTAG
/TRST
I
Test Reset Pin
1
TCLK
I
Test Clock Input
1
TMS
I
Test Mode Select Input
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com