Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650 Datasheet(PDF) 14 Page - Analog Devices

Part # AD6650
Description  Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD6650 Datasheet HTML 10Page - Analog Devices AD6650 Datasheet HTML 11Page - Analog Devices AD6650 Datasheet HTML 12Page - Analog Devices AD6650 Datasheet HTML 13Page - Analog Devices AD6650 Datasheet HTML 14Page - Analog Devices AD6650 Datasheet HTML 15Page - Analog Devices AD6650 Datasheet HTML 16Page - Analog Devices AD6650 Datasheet HTML 17Page - Analog Devices AD6650 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Preliminary Technical Data
AD6650
REV. PrJ 02/27/2003
14
TDO
O/T
Test Data Output
1
TDI
I
Test Data input
1
Analog Inputs
Ain
I
Main Analog Input
1
Ain/
I
Complement of AIN, differential analog input
1
Bin
I
Diversity Analog Input
1
Bin/
I
Complement of BIN, differential analog input
1
PLL Inputs
CPOut
O
Charge Pump Out
1
LF
I
Loop Filter
XVCO
I
External VCO Input [No Connection required if internal
VCO used]
1
XVCOB
I
External VCO Input Complement [No connection required
if internal VCO used]
1
REFT; REFB; VREF O
Internal ADC Voltage Reference; bypass to ground with
capacitor[3]; See Schematic for Proper hook-up
3
REFGND
G
ADC Ground Reference; See Schematic for Proper hook-up
Clock Inputs
CLK
I
Encode Input, conversion initiated on rising edge
1
CLK/
I
Complement of Encode
1
DNC
N/A
Do Not Connect
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com