Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650 Datasheet(PDF) 3 Page - Analog Devices

Part # AD6650
Description  Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 3 Page - Analog Devices

  AD6650 Datasheet HTML 1Page - Analog Devices AD6650 Datasheet HTML 2Page - Analog Devices AD6650 Datasheet HTML 3Page - Analog Devices AD6650 Datasheet HTML 4Page - Analog Devices AD6650 Datasheet HTML 5Page - Analog Devices AD6650 Datasheet HTML 6Page - Analog Devices AD6650 Datasheet HTML 7Page - Analog Devices AD6650 Datasheet HTML 8Page - Analog Devices AD6650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Preliminary Technical Data
AD6650
REV. PrJ 02/27/2003
3
AC Specifications
Parameter
Temp
Test
Level
MIN
AD6650BBC
Typ
Max
Units
Overall Function
Frequency Range
70
300
MHz
Gain Control
Gain Step Size
.094
dB
Gain Step Accuracy
+/- .5
Step
Baseband Filters
Group Delay
119
124
127
ns
Bandwidth
3.36
3.5
3.64
MHz
LO Phase Noise:
@ 200KHz Offset
-88
dBc/Hz
@ 400KHz Offset
-108
dBc/Hz
@ 600KHz Offset
-120
dBc/Hz
@ 800KHz Offset
TBD
dBc/Hz
@ 1600KHz Offset
TBD
dBc/Hz
@ 3000KHz Offset
TBD
dBc/Hz
F = 70 MHz
Min Gain
0
dB
Max Gain
36
dB
Noise Figure1
10.25
dB
Input IP2
+24
dBm
Input IP3
-13
dBm
Image Rejection
35
dBc
FullScale Input Power
+4
dBm
Input Impedance
200+jx
Ω
F = 150 MHz
Min Gain
0
dB
Max Gain
36
dB
Noise Figure1
10.25
dB
Input IP2
+24
dBm
Input IP3
-13
dBm
Image Rejection
35
dBc
FullScale Input Power
+4
dBm
Input Impedance
200+jx
Ω
F = 200 MHz
Min Gain
0
dB
Max Gain
36
dB
Noise Figure1
10.25
dB
Input IP2
+24
dBm
Input IP3
-13
dBm
Image Rejection
35
dBc
FullScale Input Power
+4
dBm
Input Impedance
200+jx
Ω
F = 250 MHz
Min Gain
0
dB
Max Gain
36
dB
Noise Figure1
10.25
dB
Input IP2
+24
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com