Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650 Datasheet(PDF) 24 Page - Analog Devices

Part # AD6650
Description  Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD6650 Datasheet HTML 20Page - Analog Devices AD6650 Datasheet HTML 21Page - Analog Devices AD6650 Datasheet HTML 22Page - Analog Devices AD6650 Datasheet HTML 23Page - Analog Devices AD6650 Datasheet HTML 24Page - Analog Devices AD6650 Datasheet HTML 25Page - Analog Devices AD6650 Datasheet HTML 26Page - Analog Devices AD6650 Datasheet HTML 27Page - Analog Devices AD6650 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Preliminary Technical Data
AD6650
REV. PrJ 02/27/2003
24
outputs, meaning that they can drive a logic low, but not a
logic high. The pins tri-state to indicate a logic-high and this
is pulled high on the bus by external pull-up resistors to
provide a logic high to the other devices on the bus. For a
single-master, single-slave configuration, a 2.2 k-ohm
resistor should be sufficient on each of the I2C lines.
Stable data is transferred on SDA when SCL is high,
meaning that SDA can only be changed when SCL is low. If
SDA transitions while SCL is high, this indicates to the
AD6650 that a new transfer is being initiated on the I2C bus.
A start condition from the master initiates a transfer between
I2C devices and a stop condition ends one. A START
condition is signaled by transitioning the SDA line from
high to low while SCL is high and a transition from low to
high while SCL is high indicates a STOP condition.
Acknowledge (ACK) is obligatory in I2C, so the receiver
must send an acknowledge back to the transmitter after each
byte is transferred. The master generates the acknowledge-
related clock pulse after a given byte is transmitted and
releases the SDA line. The receiver must pull the SDA line
to a stable low before the high period of the extra clock
pulse to signal receipt of the transmitted byte.
I2C Access
Once a start condition has been generated, the master must
transmit the AD6650 ’s 1-byte device ID and a read/write bit
to indicate that the rest of the access to follow is intended for
it (the read/write bit and the LSB of the ID are xor ’ed
together to create one byte). The I2C device ID of the
AD6650 is 0010 0000 or 20 (hex). Next, the master must
transmit the instruction byte to the AD6650 indicating the
type of access to the EIR.
Bit
Comment:
7
Read/Write
6
x
5
SI[2]
4
SI[1]
3
SI[0]
2
A[2]
1
A[1]
0
A[0]
Table xx. I2C Instruction Byte
Each instruction byte indicates whether the EIR is being
written or read (R/Wn), which serial instruction (SI [2:0 ]) is
being executed and which register (A [2:0 ]), if appropriate,
is being accessed. The serial instruction is decoded
according to the following table.
Read/Write
SI[2:0]
Function
0
000
Write 1 byte: A[2:0] determines
EIR address
0
001
Write 2 bytes: ACR and CAR
0
010
Write 2 bytes: CAR and DR0
0
011
Write 3 bytes: ACR, CAR and
DR0
0
100
Write 4 bytes: ACR, CAR, DR1
and DR0
0
101
Write 5 bytes: ACR, CAR,
DR2, DR1, and DR0
0
110
Write 8 bytes: All EIR
addresses, ACR to DR0
0
111
Write 3 bytes: DR2, DR1, and
DR0
1
000
Read 1 byte: A[2:0] determines
EIR address
1
001
Write 2 bytes: ACR and CAR
1
010
Write 1 byte: CAR; then read 1
byte: DR0
1
011
Write 2 bytes: ACR then CAR;
then read 1 byte: DR0
1
100
Write 2 bytes: ACR then CAR;
then read 2 bytes: DR0 then
DR1
1
101
Write 2 bytes: ACR then CAR;
then read 3 bytes: DR0, DR1,
then DR2
1
110
Read 8 bytes: all EIR addresses
DR0 to ACR
1
111
Read 3 bytes: DR0, DR1, then
DR2
Table xx. I2C Instructions
After the instruction byte, the appropriate data must be
written to or read from the EIR. Finally, a STOP condition is
sent to end the transfer.
Pin Multiplexing
Since the programming modes of the AD6650 are all
mutually exclusive, the pins used for each mode are all
multiplexed together and are named after their microport
function. For I2Cmode, the SCL pin is the DSn pin in
microport mode and the SDA pin is the DTACKn pin in
microport mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com